Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 31Page - Microchip Technology MCP3911 Datasheet HTML 32Page - Microchip Technology MCP3911 Datasheet HTML 33Page - Microchip Technology MCP3911 Datasheet HTML 34Page - Microchip Technology MCP3911 Datasheet HTML 35Page - Microchip Technology MCP3911 Datasheet HTML 36Page - Microchip Technology MCP3911 Datasheet HTML 37Page - Microchip Technology MCP3911 Datasheet HTML 38Page - Microchip Technology MCP3911 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 35
MCP3911
EQUATION 5-2:
SETTING TIME OF THE ADC AS A FUNCTION OF DMCLK PERIODS
The SINC1 filter following the SINC3 filter is only
enabled for the high OSR settings. This SINC1 filter
provides additional rejection at a low cost with little
modification to the -3 dB bandwidth. For 24-Bit Output
mode (WIDTH = 1), the output of the sinc filter is pad-
ded on the right with least significant zeros, up to 24
bits, for any resolution less than 24 bits. For 16-Bit Out-
put modes, the output of the sinc filter is rounded to the
closest 16-bit number, in order to conserve only 16-bit
words and to minimize truncation error.
The gain of the transfer function of this filter is 1 at each
multiple of DMCLK (typically 1 MHz) so a proper anti-
aliasing filter must be placed at the inputs. This will
attenuate the frequency content around DMCLK and
keep the desired accuracy over the baseband of the
converter. This anti-aliasing filter can be a simple, first-
order RC network with a sufficiently low time constant
to generate high rejection at DMCLK frequency
.
Any unsettled data is automatically discarded to avoid
data corruption. Each data ready pulse corresponds to
fully settled data at the output of the decimation filter.
The first data available at the output of the decimation
filter is present after the complete settling time of the fil-
ter (see Table 5-4). After the first data has been pro-
cessed, the delay between two data ready pulses is 1/
DRCLK. The data stream from input to output is
delayed by an amount equal to the settling time of the
filter (which is the group delay of the filter).
The achievable resolution, the -3 dB bandwidth and the
settling time at the output of the decimation filter (the
output of the ADC), is dependent on the OSR of each
sinc filter and is summarized with the following table:
SettlingTime DMC LKPerio ds
()
3
OSR
3
×
OSR
1
1
–
()
OSR
3
×
+
=
TABLE 5-4:
OVERSAMPLING RATIO AND SINC FILTER SETTLING TIME
OSR<2:0>
OSR3
OSR1
TOTAL OSR
RESOLUTION IN
BITS (NO MISSING
CODES)
SETTLING
TIME
-3 dB BANDWIDTH
0
0
0
32
1
32
17
96/DMCLK
0.26*DRCLK
0
0
1
64
1
64
20
192/DMCLK
0.26*DRCLK
0
1
0
128
1
128
23
384/DMCLK
0.26*DRCLK
0
1
1
256
1
256
24
768/DMCLK
0.26*DRCLK
1
0
0
512
1
512
24
1536/DMCLK
0.26*DRCLK
1
0
1
512
2
1024
24
2048/DMCLK
0.37*DRCLK
1
1
0
512
4
2048
24
3072/DMCLK
0.42*DRCLK
1
1
1
512
8
4096
24
5120/DMCLK
0.43*DRCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com