Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 40Page - Microchip Technology MCP3911 Datasheet HTML 41Page - Microchip Technology MCP3911 Datasheet HTML 42Page - Microchip Technology MCP3911 Datasheet HTML 43Page - Microchip Technology MCP3911 Datasheet HTML 44Page - Microchip Technology MCP3911 Datasheet HTML 45Page - Microchip Technology MCP3911 Datasheet HTML 46Page - Microchip Technology MCP3911 Datasheet HTML 47Page - Microchip Technology MCP3911 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
MCP3911
DS22286A-page 44
© 2012 Microchip Technology Inc.
6.5
SPI MODE 1,1 – Clock Idle High,
Read/Write Examples
In this SPI mode, SCK idles high. For the MCP3911,
this means that there will be a falling edge on SCK
before there is a rising edge.
:
FIGURE 6-2:
Device Read (SPI Mode 1,1 – SCK Idles High).
FIGURE 6-3:
Device Write (SPI Mode 1,1 – SCK Idles High).
Note:
Changing from an SPI Mode 1,1 to an SPI
Mode 0,0 is possible and can be done
while CS pin is logic high.
SCK
SDI
SDO
CS
A6
A5 A4 A3
A2
A1 A0
D6 D5 D4 D3
D2 D1
D0
(ADDRESS) DATA
(ADDRESS + 1) DATA
D6 D5
D4 D3
D2 D1
Data Transitions on
the Falling Edge
MCU and MCP3911 Latch
Bits on the Rising Edge
D0
HI-Z
HI-Z
D7
D7
R/W
HI-Z
SCK
SDI
SDO
CS
R/W
A6 A5
A4
A3 A2
A1
A0
D7
D6 D5
D4 D3
D2 D1
(ADDRESS) DATA
(ADDRESS + 1) DATA
D6 D5
D4 D3
D2
D1
D0
Data Transitions on
the Falling Edge
MCU and MCP3911 Latch
Bits on the Rising Edge
D0
HI-Z
HI-Z
D7
HI-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com