Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 12Page - Microchip Technology MCP3911 Datasheet HTML 13Page - Microchip Technology MCP3911 Datasheet HTML 14Page - Microchip Technology MCP3911 Datasheet HTML 15Page - Microchip Technology MCP3911 Datasheet HTML 16Page - Microchip Technology MCP3911 Datasheet HTML 17Page - Microchip Technology MCP3911 Datasheet HTML 18Page - Microchip Technology MCP3911 Datasheet HTML 19Page - Microchip Technology MCP3911 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
MCP3911
DS22286A-page 16
© 2012 Microchip Technology Inc.
Note:
Unless otherwise indicated, AVDD = 3.3V, DVDD = 3.3V; TA = 25°C, MCLK = 4 MHz; PRESCALE = 1;
OSR = 256; GAIN = 1; Dithering = Maximum; VIN = -0.5 dBFS @ 60 Hz, VREFEXT = 0; CLKEXT = 1,
AZ_FREQ = 0; BOOST = 1X.
FIGURE 2-31:
Channel 0 Offset vs.
Temperature.
FIGURE 2-32:
Channel 1 Offset vs.
Temperature.
FIGURE 2-33:
Channel to Channel Offset
Match vs. Temperature.
FIGURE 2-34:
Gain Error vs. Temperature.
FIGURE 2-35:
Internal Voltage Reference
vs. Temperature.
FIGURE 2-36:
Internal Voltage Reference
vs. Supply Voltage.
50
100
150
200
250
300
350
400
G=32
G=16
G=8
G=4
-100
-50
0
50
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
G=2
G=1
50
100
150
200
250
300
350
400
G=32
G=16
G=8
G=4
-100
-50
0
50
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
G=2
G=1
-80
-60
-40
-20
0
CHANNEL 0
CHANNEL 1
-120
-100
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
CHANNEL 0
1.1997
1.1998
1.1999
1.2000
1.2001
1.2002
1.2003
2.5 2.6 2.7 2.8 2.9 3 3.1 3.2 3.3 3.4 3.5 3.6
V
DD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com