Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 25Page - Microchip Technology MCP3911 Datasheet HTML 26Page - Microchip Technology MCP3911 Datasheet HTML 27Page - Microchip Technology MCP3911 Datasheet HTML 28Page - Microchip Technology MCP3911 Datasheet HTML 29Page - Microchip Technology MCP3911 Datasheet HTML 30Page - Microchip Technology MCP3911 Datasheet HTML 31Page - Microchip Technology MCP3911 Datasheet HTML 32Page - Microchip Technology MCP3911 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 29
MCP3911
ADC shutdown mode also effects the modulator output
block, i.e., if MDAT of the channel in shutdown mode is
enabled, this pin will provide a bitstream corresponding
to a zero output (series of 0011 bits continuously
repeated).
When an ADC exits ADC shutdown mode, any phase
delay present before shutdown was entered will still be
present. If one ADC was not in shutdown, the ADC
leaving
shutdown
mode
will
automatically
resynchronize the phase delay, relative to the other
ADC channel, per the phase delay register block and
give data ready pulses accordingly.
If an ADC is placed in shutdown mode while the other
is converting, it is not shutting down the internal clock.
When going back out of shutdown, it will be
resynchronized automatically with the clock that did not
stop during reset.
If both ADCs are ADC shutdown modes, the clock is no
more distributed to the digital core for low power oper-
ation. The clock is no more distributed to the input
structure too. This can cause potential high analog
input leakage currents at the analog inputs if the input
voltage is highly negative (typically below -0.6V,
referred to AGND). Once any of the ADC is back to nor-
mal operation, the clock is automatically distributed
again.
4.22
Full Shutdown Mode
The lowest power consumption can be achieved when
SHUTDOWN<1:0>=11, VREFEXT=CLKEXT=1. This
mode is called “Full shutdown mode”, and no analog
circuitry is enabled. In this mode, both AVDD and DVDD
POR monitoring are also disabled. No clock is propa-
gated throughout the chip. Both ADCs are in shutdown,
and the internal voltage reference is disabled.
The clock is no more distributed to the input structure
too. This can cause potential high analog inputs leak-
age currents at the analog inputs if the input voltage is
highly negative (typically below -0.6V, referred to
AGND).
The only circuit that remains active is the SPI interface
but this circuit does not induce any static power
consumption.
If
SCK
is
idle,
the
only
current
consumption comes from the leakage currents induced
by the transistors and is less than 1 µA on each power
supply.
This mode can be used to power down the chip
completely and avoid power consumption when there
is no data to convert at the analog inputs. Any SCK or
MCLK edge coming while in this mode will induce
dynamic power consumption.
Once any of the SHUTDOWN, CLKEXT and VREFEXT
bits return to 0, the two POR monitoring blocks are
back to operation and AVDD and DVDD monitoring can
take place.
When exiting full Shutdown mode, the device resets to
its default configuration state. The Configuration bits all
reset to their default value, and the ADCs reset to their
initial state, requiring 3 DRCLK periods for an initial
data ready pulse. Exiting full Shutdown mode is effec-
tively identical to an internal reset or returning from a
POR condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com