Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 44Page - Microchip Technology MCP3911 Datasheet HTML 45Page - Microchip Technology MCP3911 Datasheet HTML 46Page - Microchip Technology MCP3911 Datasheet HTML 47Page - Microchip Technology MCP3911 Datasheet HTML 48Page - Microchip Technology MCP3911 Datasheet HTML 49Page - Microchip Technology MCP3911 Datasheet HTML 50Page - Microchip Technology MCP3911 Datasheet HTML 51Page - Microchip Technology MCP3911 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
MCP3911
DS22286A-page 48
© 2012 Microchip Technology Inc.
6.7.2
CONTINUOUS WRITE
Both ADCs are powered up with their default
configurations, and begin to output data ready pulses
immediately (RESET<1:0> and SHUTDOWN<1:0>
bits are off by default).
The default output codes for both ADCs are all zeros.
The default modulator output for both ADCs is ‘0011’
(corresponding to a theoretical zero voltage at the
inputs). The default phase is zero between the two
channels.
It is recommended to enter into ADC Reset mode for
both ADCs, just after power-up, because the desired
MCP3911 register configuration may not be the default
one, and in this case, the ADC would output undesired
data. Within the ADC Reset mode (RESET<1:0> = 11),
the user can configure the whole part with a single
communication. The write commands automatically
increment the address so that the user can start writing
the PHASE register and finish with the CONFIG
register in only one communication (see Figure 6-8).
The RESET<1:0> bits are in the last byte of the
CONFIG register to allow exiting the Soft Reset mode,
and have the whole part configured and ready to run in
only one command.
6.7.3
REGISTER GROUPS AND TYPES
The following register sets are defined as groups:
The following register sets are defined as types:
6.8
Situations that Reset ADC Data
Immediately after the following actions, the ADCs are
reset and automatically restarted in order to provide
proper operation:
1.
Change in PHASE register
2.
Change in the OSR setting
3.
Change in the PRESCALE setting
4.
Overwrite of the same PHASE register value
5.
Change in the CLKEXT setting
6.
Change in the VREFEXT setting
7.
Change in the MODOUT setting
After these temporary resets, the ADCs go back to the
normal operation, with no need for an additional
command. The PHASE register can be used to serially
Soft Reset the ADCs, without using the RESET bits in
the Configuration register, if the same value is written
in the PHASE register.
FIGURE 6-8:
Recommended Configuration Sequence at Power-up.
TABLE 6-1:
REGISTER GROUPS
Group
Addresses
ADC DATA CH0
0x00-0x02
ADC DATA CH1
0x03-0x05
MOD, PHASE, GAIN
0x06-0x09
CONFIG, STATUSCOM
0x0A-0x0D
OFFCAL_CH0, GAINCAL_CH0
0x0E-0x13
OFFCAL_CH1, GAINCAL_CH1
0x14-0x19
VREFCAL
0x1A
TABLE 6-2:
REGISTER TYPES
Type
Addresses
ADC DATA
(both channels)
0x00-0x05
CONFIGURATION
0x06-0x1A
00011010
CS
SCK
SDI
AVDD, DVDD
11XXXXXX
CONFIG2
ADDR/W
CONFIG2
Optional RESET of both ADCs
One command for writing complete configuration (without calibration)
PHASE ADDR/W
GAIN
STATUSCOM
CONFIG
PHASE
00001110
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com