Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 62 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 62 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 58Page - Microchip Technology MCP3911 Datasheet HTML 59Page - Microchip Technology MCP3911 Datasheet HTML 60Page - Microchip Technology MCP3911 Datasheet HTML 61Page - Microchip Technology MCP3911 Datasheet HTML 62Page - Microchip Technology MCP3911 Datasheet HTML 63Page - Microchip Technology MCP3911 Datasheet HTML 64Page - Microchip Technology MCP3911 Datasheet HTML 65Page - Microchip Technology MCP3911 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
MCP3911
DS22286A-page 62
© 2012 Microchip Technology Inc.
7.9
VREFCAL Register – Internal
Voltage Reference Temperature
Coefficient Adjustment Register
This register is only for advanced users. This register
should not be written unless the user wants to calibrate
the temperature coefficient of the whole system or
application. The default value of this register is set to
0x42.
REGISTER 7-9:
VREFCAL REGISTER
Name
Bits
Address
Cof
VREFCAL
8
0x1A
R/W
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
VREFCAL<7>
VREFCAL<6>
VREFCAL<5> VREFCAL<4> VREFCAL<3>
VREFCAL<2>
VREFCAL<1> VREFCAL<0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7:0
Internal Voltage Temperature coefficient register value. (See Section 5.7.3 “Temperature
compensation (VREFCAL register)” for complete description).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com