Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 53Page - Microchip Technology MCP3911 Datasheet HTML 54Page - Microchip Technology MCP3911 Datasheet HTML 55Page - Microchip Technology MCP3911 Datasheet HTML 56Page - Microchip Technology MCP3911 Datasheet HTML 57Page - Microchip Technology MCP3911 Datasheet HTML 58Page - Microchip Technology MCP3911 Datasheet HTML 59Page - Microchip Technology MCP3911 Datasheet HTML 60Page - Microchip Technology MCP3911 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 57
MCP3911
7.5
STATUSCOM Register - Status
And Communication Register
REGISTER 7-5:
STATUSCOM
Register
Name
Bits
Address
Cof
STATUSCOM
16
0x0A
R/W
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
MODOUT<1>
MODOUT<0>
—
DR_HIZ
DRMODE<1>
DRMODE<0>
DRSTATUS<1>
DRSTATUS<0>
bit 15
bit 8
R/W-1
R/W-0
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
U-0
READ<1>
READ<0>
WRITE
WIDTH<1>
WIDTH<0>
EN_OFFCAL
EN_GAINCAL
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15:14
MODOUT<1:0>: Modulator Output Setting for MDAT pins
11
= Both CH0 and CH1 modulator outputs are present on MDAT1 and MDAT0 pins, both SINC fil-
ters are off, no data ready pulse is present
10
= CH1 ADC Modulator output present on MDAT1 pin, SINC filter on channel 1 is off, data ready
pulse from channel 1 is not present on DR pin
01
= CH0 ADC Modulator output present on MDAT0 pin, SINC filter on channel 0 is off, data ready
pulse from channel 0 is not present on DR pin
00
= No Modulator output is enabled, SINC filters are on, data readys are present on DR pin for both
channels (DEFAULT)
bit 13
Unimplemented, read as 0
bit 12
DR_HIZ: Data Ready Pin Inactive State Control
1
= The DR pin state is a logic high when data is NOT ready
0
= The DR pin state is high impedance when data is NOT ready(DEFAULT)
bit 11:10
DRMODE<1:0>: Data Ready Pin (DR) mode configuration bits
11
= Both Data Ready pulses from CH0 and CH1 are output on DR pin
10
= Data Ready pulses from CH1 ADC are output on DR pin. Data ready pulses from CH0 are not
present on the DR pin.
01
= Data Ready pulses from CH0 ADC are output on DR pin. Data ready pulses from CH1 are not
present on the DR pin.
00
= Data Ready pulses from the lagging ADC between the two are output on DR pin. The lagging
ADC depends on the PHASE register and on the OSR. (DEFAULT)
bit 9:8
DRSTATUS<1:0>: Data Ready Status
11
= ADC Channel 1 and Channel 0 data not ready (DEFAULT)
10
= ADC Channel 1 data not ready, ADC Channel 0 data ready
01
= ADC Channel 0 data not ready, ADC Channel 1 data ready
00
= ADC Channel 1 and Channel 0 data ready
bit 7:6
READ<1:0>: Address Loop Setting
11
= Address counter incremented, cycle through entire register set
10
= Address counter loops on register types (DEFAULT)
01
= Address counter loops on register groups
00
= Address not incremented, continually read single register
bit 5
WRITE: Address Loop Setting for Write mode
1
= Address counter loops on entire register map (DEFAULT)
0
= Address not incremented, continually write same single register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com