Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 61 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 61 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 57Page - Microchip Technology MCP3911 Datasheet HTML 58Page - Microchip Technology MCP3911 Datasheet HTML 59Page - Microchip Technology MCP3911 Datasheet HTML 60Page - Microchip Technology MCP3911 Datasheet HTML 61Page - Microchip Technology MCP3911 Datasheet HTML 62Page - Microchip Technology MCP3911 Datasheet HTML 63Page - Microchip Technology MCP3911 Datasheet HTML 64Page - Microchip Technology MCP3911 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 61
MCP3911
7.8
GAINCAL_CHn REGISTERS -
DIGITAL GAIN ERROR
CALIBRATION REGISTERS
REGISTER 7-8:
GAINCAL_CHn
REGISTERS
Name
Bits
Address
Cof
GAINCAL_CH0
24
0x11
R/W
GAINCAL_CH1
24
0x17
R/W
R/W-0
R/W-0
R/W-0
...
R/W-0
R/W-0
R/W-0
R/W-0
GAINCAL_CHn
<23>
GAINCAL_CHn
<22>
GAINCAL_CHn
<21>
...
GAINCAL_CHn
<3>
GAINCAL_CHn
<2>
GAINCAL_CHn
<1>
GAINCAL_CHn
<0>
bit 23
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23:0
Digital gain error calibration value for the corresponding channel CHn. This register is 24-bit signed
MSB first coding with a range of -1x to +0.9999999x (from 0x80000 to 0x7FFFFF). The gain calibration
adds 1x to this register and multiplies it to the output code of the channel bit by bit, after offset calibra-
tion. The range of the gain calibration is thus from 0x to 1.9999999x (from 0x80000 to 0x7FFFFF). The
LSB corresponds to a 2-23 increment in the multiplier.
CHn Output Code = (GAINCAL_CHn+1)*ADC CHn Output Code. This register is a Don't Care if
EN_GAINCAL=0 (Offset calibration disabled) but its value is not cleared by the EN_GAINCAL bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com