Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 5 Page - Microchip Technology

  MCP3911 Datasheet HTML 1Page - Microchip Technology MCP3911 Datasheet HTML 2Page - Microchip Technology MCP3911 Datasheet HTML 3Page - Microchip Technology MCP3911 Datasheet HTML 4Page - Microchip Technology MCP3911 Datasheet HTML 5Page - Microchip Technology MCP3911 Datasheet HTML 6Page - Microchip Technology MCP3911 Datasheet HTML 7Page - Microchip Technology MCP3911 Datasheet HTML 8Page - Microchip Technology MCP3911 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 5
MCP3911
ZOUTVREF
Output Impedance
2
—
k
Ω
VREFEXT = 0
AIDDVREF
Internal Voltage Reference
Operating Current
25
—
µA
VREFEXT=0, SHUT-
DOWN<1:0>=11
Voltage Reference Input
Input Capacitance
—
—
10
pF
VREF
Differential Input Voltage
Range (VREF+ - VREF -)
1.1
—
1.3
V
VREFEXT = 1
VREF+
Absolute Voltage on
REFIN+ pin
VREF- +
1.1
—VREF- + 1.3
V
VREFEXT = 1
VREF-
Absolute Voltage REFIN- pin
-0.1
—
+0.1
V
REFIN- should be con-
nected to AGND when
VREFEXT=0
Master Clock Input
fMCLK
Master Clock Input Frequency
Range
—
20
MHz
CLKEXT = 1, (Note 6)
fXTAL
Crystal Oscillator Operating
Frequency Range
1
—
20
MHz
CLKEXT = 0, (Note 6)
AMCLK
Analog Master Clock
—
—
16
MHz
(Note 6)
Power Supply
AVDD
Operating Voltage, Analog
2.7
—
3.6
V
DVDD
Operating Voltage, Digital
2.7
—
3.6
V
IDD,A
Operating Current, Analog
(Note 2)
—
1.5
2.3
mA
BOOST<1:0>=00
—
1.8
2.8
mA
BOOST<1:0>=01
—
2.5
3.5
mA
BOOST<1:0>=10
—
4.4
6.25
mA
BOOST<1:0>= 11
IDD,D
Operating Current, Digital
—
0.2
0.3
mA
MCLK = 4 MHz,
proportional to MCLK
—
0.7
—
mA
MCLK = 16 MHz, pro-
portional to MCLK
IDDS,A
Shutdown Current, Analog
—
—
1
µA
AVDD pin only (Note 3)
IDDS,D
Shutdown Current, Digital
—
—
1
µA
DVDD pin only (Note 3)
TABLE 1-1:
ANALOG SPECIFICATIONS TARGET TABLE (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = DVDD = 2.7V to 3.6V, MCLK =
4 MHz; PRE<1:0> = 00; OSR = 256; GAIN = 1; VREFEXT=0, CLKEXT=1, AZ_FREQ=0, DITHER<1:0>=11,
BOOST<1:0> = 10; VCM=0V; TA = -40°C to +125°C; VIN = 1.2 VPP = 424 mVRMS @ 50/60 Hz on both channels.
Sym
Characteristic
Min
Typ
Max
Units
Test Conditions
Note 1:
This specification implies that the ADC output is valid over this entire differential range and that there is no distortion or
instability across this input range. Dynamic Performance specified at -0.5 dB below the maximum signal range, VIN =
1.2VPP = 424 mVRMS, VREF = 1.2V @ 50/60 Hz. See terminology section for definition. This parameter is established
by characterization and not 100% tested. See performance graphs for other than default settings provided here.
2:
For these operating currents the following configuration bit settings apply: SHUTDOWN<1:0>=00, RESET<1:0>=00,
VREFEXT=0, CLKEXT=0.
3:
For these operating currents the following configuration bit settings apply: SHUTDOWN<1:0>=11, VREFEXT=1,
CLKEXT=1.
4:
Applies to all gains. Offset and gain errors depend on PGA gain setting, see typical performance curves for typical per-
formance.
5:
Outside of this range, ADC accuracy is not specified. An extended input range of +/-2 V can be applied continuously to
the part with no damage.
6:
For proper operation, and for optimizing ADC accuracy, AMCLK should be limited to the maximum frequency defined in
the Table 5-2 as a function of the BOOST and PGA setting chosen. MCLK can take larger values as long as the pres-
caler settings (PRE<1:0>) limit AMCLK=MCLK/PRESCALE in the defined range in the Table 5-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com