Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 28Page - Microchip Technology MCP3911 Datasheet HTML 29Page - Microchip Technology MCP3911 Datasheet HTML 30Page - Microchip Technology MCP3911 Datasheet HTML 31Page - Microchip Technology MCP3911 Datasheet HTML 32Page - Microchip Technology MCP3911 Datasheet HTML 33Page - Microchip Technology MCP3911 Datasheet HTML 34Page - Microchip Technology MCP3911 Datasheet HTML 35Page - Microchip Technology MCP3911 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
MCP3911
DS22286A-page 32
© 2012 Microchip Technology Inc.
modulator is still functional, however its stability is no
longer guaranteed and therefore it is not recommended
to exceed this limit (see FIGURE 2-24: “SINAD vs.
Input Signal Amplitude.” for extended dynamic range
performance limitations). The saturation point for the
modulator is VREF/1.5 since the transfer function of the
ADC includes a gain of 1.5 by default (independent
from the PGA setting. See Section 5.6 “ADC Output
Coding”).
5.3.3
BOOST SETTINGS
The Delta-Sigma modulators include a programmable
biasing circuit in order to further adjust the power con-
sumption to the sampling speed applied through the
MCLK.
This
can
be
programmed
through
the
BOOST<1:0> bits which are applied to both channels
simultaneously.
The maximum achievable analog master clock speed
(AMCLK) and the maximum sampling frequency
(DMCLK), and therefore the maximum achievable data
rate (DRCLK), highly depend on BOOST<1:0> and
PGA_CHn<2:0> settings. The following table specifies
the maximum AMCLK possible to keep optimal accu-
racy in function of BOOST<1:0> and PGA_CHn<2:0>
settings.
TABLE 5-2:
MAXIMUM AMCLK LIMITS AS A FUNCTION OF BOOST AND PGA GAIN
Conditions
VDD = 3.0V to 3.6V, TA from -40°C to 125°C
VDD = 2.7V to 3.6V, TA from -40°C to 125°C
Boost
Gain
Maximum AMCLK
(MHz) (SINAD within
-3 dB from its
maximum)
Maximum AMCLK
(MHz) (SINAD
within -5 dB from its
maximum)
Maximum AMCLK
(MHz) (SINAD
within -3 dB from
its maximum)
Maximum AMCLK
(MHz) (SINAD within -
5 dB from its
maximum)
0.5x
1
3
3
3
3
0.66x
1
4
4
4
4
1x
1
10
10
10
10
2x
1
16
16
16
16
0.5x
2
2.5
3
3
3
0.66x
2
4
4
4
4
1x
2
10
10
10
10
2x
2
14.5
16
13.3
14.5
0.5x
4
2.5
2.5
2.5
2.5
0.66x
4
4
4
4
4
1x
4
10
10
8
10
2x
4
13.3
16
10.7
11.4
0.5x
8
2.5
2.5
2.5
2.5
0.66x
8
4
4
4
4
1x
8
10
11.4
6.7
8
2x
8
10
14.5
8
8
0.5x
16
2
2
2
2
0.66x
16
4
4
4
4
1x
16
10.6
10.6
8
10
2x
16
12.3
16
8
10.7
0.5x
32
2
2
2
2
0.66x
32
4
4
4
4
1x
32
10
11.4
8
10
2x
32
13.3
16
8
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com