Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 34Page - Microchip Technology MCP3911 Datasheet HTML 35Page - Microchip Technology MCP3911 Datasheet HTML 36Page - Microchip Technology MCP3911 Datasheet HTML 37Page - Microchip Technology MCP3911 Datasheet HTML 38Page - Microchip Technology MCP3911 Datasheet HTML 39Page - Microchip Technology MCP3911 Datasheet HTML 40Page - Microchip Technology MCP3911 Datasheet HTML 41Page - Microchip Technology MCP3911 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
MCP3911
DS22286A-page 38
© 2012 Microchip Technology Inc.
5.7
Voltage Reference
5.7.1
INTERNAL VOLTAGE REFERENCE
The MCP3911 contains an internal voltage reference
source specially designed to minimize drift over
temperature. In order to enable the internal voltage
reference, the VREFEXT bit in the configuration
register must be set to 0 (default mode). This internal
VREF supplies reference voltage to both channels. The
typical value of this voltage reference is 1.2V ±2%. The
internal reference has a very low typical temperature
coefficient of ±7 ppm/°C, allowing the output to have
minimal variation with respect to temperature since
they are proportional to (1/VREF).
The noise of the internal voltage reference is low
enough not to significantly degrade the SNR of the
ADC if compared to a precision external low-noise
voltage reference. The output pin for the internal volt-
age reference is REFIN+/OUT.
If the voltage reference is only used as an internal
VREF, adding bypass capacitance on REFIN+/OUT is
not necessary for keeping ADC accuracy, but a minimal
0.1 µF ceramic capacitance can be connected to avoid
EMI/EMC susceptibility issues, due to the antenna cre-
ated by the REFIN+/OUT pin if left floating.
The bypass capacitors also help applications where the
voltage reference output is connected to other circuits.
In this case, additional buffering may be needed as the
output drive capability of this output is low.
Adding too much capacitance on the REFIN+/OUT pin
may slightly degrade the THD performance of the
ADCs.
5.7.2
DIFFERENTIAL EXTERNAL
VOLTAGE INPUTS
When the VREFEXT bit is high, the two reference pins
(REFIN+/OUT, REFIN-) become a differential voltage
reference input. The internal voltage reference circuit is
placed into shutdown and the switch connecting this
circuit to the reference voltage input of the ADC is
opened. The internal voltage reference circuit is placed
into shutdown and the switch connecting this circuit to
the reference voltage input of the ADC is opened. The
voltage at the REFIN+/OUT is noted VREF+ and the
voltage at the REFIN- pin is noted VREF-. The differen-
tial voltage input value is given by the following equa-
tion:
EQUATION 5-4:
The specified VREF range is from 1.1V to 1.3V. The
REFIN- pin voltage (VREF-) should be limited to ±0.1V,
with respect to AGND. Typically, for single-ended refer-
ence applications, the REFIN- pin should be directly
connected to AGND, with its own separate track to
avoid any spike due to switching noise.
TABLE 5-7:
OSR = 64 OUTPUT CODE EXAMPLES
ADC Output code (MSB First)
Hexadecimal
Decimal
20-bit resolution
01 11
1 111
1 111
1 1 1 1
1 1 1 1
0 0 0 0
0x7FFFF0
+ 524, 287
01 11
1 111
1 111
1 1 1 1
1 1 1 0
0 0 0 0
0x7FFFE0
+ 524, 286
00 00
0 000
0 000
0 0 0 0
0 0 0 0
0 0 0 0
0x000000
0
11 11
1 111
1 111
1 1 1 1
1 1 1 1
0 0 0 0
0xFFFFF0
-1
10 00
0 000
0 000
0 0 0 0
0 0 0 1
0 0 0 0
0x800010
- 524, 287
10 00
0 000
0 000
0 0 0 0
0 0 0 0
0 0 0 0
0x800000
- 524, 288
TABLE 5-8:
OSR = 32 OUTPUT CODE EXAMPLES
ADC Output code (MSB First)
Hexadecimal
Decimal
17-bit resolution
0111
1111
1111
1111
1 0 0 0
0 0 0 0
0x7FFF80
+ 65, 535
0111
1111
1111
1111
0 0 0 0
0 0 0 0
0x7FFF00
+ 65, 534
0000
0000
0000
0000
0 0 0 0
0 0 0 0
0x000000
0
1111
1111
1111
1111
1 0 0 0
0 0 0 0
0xFFFF80
-1
1000
0000
0000
0000
1 0 0 0
0 0 0 0
0x800080
- 65, 535
1000
0000
0000
0000
0 0 0 0
0 0 0 0
0x800000
- 65, 536
VREF=VREF+ - VREF-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com