Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 38Page - Microchip Technology MCP3911 Datasheet HTML 39Page - Microchip Technology MCP3911 Datasheet HTML 40Page - Microchip Technology MCP3911 Datasheet HTML 41Page - Microchip Technology MCP3911 Datasheet HTML 42Page - Microchip Technology MCP3911 Datasheet HTML 43Page - Microchip Technology MCP3911 Datasheet HTML 44Page - Microchip Technology MCP3911 Datasheet HTML 45Page - Microchip Technology MCP3911 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
MCP3911
DS22286A-page 42
© 2012 Microchip Technology Inc.
5.12.1
DIGITAL OFFSET ERROR
CALIBRATION
The OFFCAL_CHn registers are 23-bit plus sign two’s
complement register, which LSB value is the same as
the Channel ADC Data. These two registers are then
added bit-by-bit to the ADC output codes, if the
EN_OFFCAL bit is enabled. Enabling the EN_OFFCAL
bit does not create any pipeline delay, the offset addi-
tion is instantaneous. For low OSR values, only the sig-
nificant digits are added to the output (up to the
resolution of the ADC. For example, at OSR=32, only
the 17 first bits are added).
The offset is not added when the corresponding chan-
nel is in reset or shutdown mode. The corresponding
input voltage offset value added by each LSB in these
24-bit registers is:
OFFSET(1LSB)= VREF /(PGA_CHn*1.5*8388608)
This register is a Don't Care if EN_OFFCAL=0 (Offset
calibration disabled), but its value is not cleared by the
EN_OFFCAL bit.
5.12.2
DIGITAL GAIN ERROR
CALIBRATION
This register is 24-bit signed MSB first coding with a
range of -1x to +0.9999999x (from 0x80000 to
0x7FFFFF). The gain calibration adds 1x to this regis-
ter and multiplies it to the output code of the channel
bit-by-bit, after offset calibration. The range of the gain
calibration is thus from 0x to 1.9999999x (from
0x80000 to 0x7FFFFF). The LSB corresponds to a 2-23
increment in the multiplier.
Enabling EN_GAINCAL creates a pipeline delay of 24
DMCLK periods on both channels. All data ready
pulses are delayed by 24 DMCLK periods, starting from
the data ready, following the command enabling
EN_GAINCAL bit. The gain calibration is effective on
the next data ready, following the command enabling
EN_GAINCAL bit.
The digital gain calibration does not function when the
corresponding channel is in reset or shutdown mode.
The gain multiplier value for an LSB in these 24-bit reg-
isters is:
GAIN (1LSB)= 1/8388608
This register is a Don't Care if EN_GAINCAL=0 (Offset
calibration disabled) but its value is not cleared by the
EN_GAINCAL bit.
The output data on each channel is kept to either 7FFF
or 8000 (16-bit mode) or 7FFFFF or 800000 (24-bit
mode) if the output result is out of bounds, after all cal-
ibrations are performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com