Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 55Page - Microchip Technology MCP3911 Datasheet HTML 56Page - Microchip Technology MCP3911 Datasheet HTML 57Page - Microchip Technology MCP3911 Datasheet HTML 58Page - Microchip Technology MCP3911 Datasheet HTML 59Page - Microchip Technology MCP3911 Datasheet HTML 60Page - Microchip Technology MCP3911 Datasheet HTML 61Page - Microchip Technology MCP3911 Datasheet HTML 62Page - Microchip Technology MCP3911 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 59
MCP3911
7.6
CONFIG Register - Configuration
Register
REGISTER 7-6:
CONFIG
Register
Name
Bits
Address
Cof
CONFIG
16
0x0C
R/W
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-0
PRE<1>
PRE<0>
OSR<2>
OSR<1>
OSR<0>
DITHER<1>
DITHER<0>
AZ_FREQ
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-1
U-0
RESET<1>
RESET<0>
SHUT-
DOWN<1>
SHUT-
DOWN<0>
—
VREFEXT
CLKEXT
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15:14
PRE<1:0> Analog Master Clock (AMCLK) Prescaler Value
11
= AMCLK = MCLK / 8
10
= AMCLK = MCLK / 4
01
= AMCLK = MCLK / 2
00
= AMCLK = MCLK (DEFAULT)
bit 13:11
OSR<2:0> Oversampling Ratio for Delta-Sigma A/D Conversion (ALL CHANNELS, fd / fS)
111
= 4096 (fd = 244 sps for MCLK = 4 MHz, fs = AMCLK = 1 MHz)
110
= 2048 (fd = 488 sps for MCLK = 4 MHz, fs = AMCLK = 1 MHz)
101
= 1024 (fd = 976 sps for MCLK = 4 MHz, fs = AMCLK = 1 MHz)
100
= 512 (fd = 1.953 ksps for MCLK = 4 MHz, fs = AMCLK = 1 MHz)
011
= 256 (fd = 3.90625 ksps for MCLK = 4 MHz, fs = AMCLK = 1 MHz) (DEFAULT)
010
= 128 (fd = 7.8125 ksps for MCLK = 4 MHz, fs = AMCLK = 1 MHz)
001
= 64 (fd = 15.625 ksps for MCLK = 4 MHz, fs = AMCLK = 1 MHz)
000
= 32 (fd = 31.25 ksps for MCLK = 4 MHz, fs = AMCLK = 1 MHz)
bit 10:9
DITHER<1:0> Control for dithering circuit for idle tones cancellation and improved THD
11
= Dithering ON, both channels, Strength = Maximum(MCP3901 Equivalent) - (DEFAULT)
10
= Dithering ON, both channels, Strength = Medium
01
= Dithering ON, both channels, Strength = Minimum
00
= Dithering turned OFF
bit 8
AZ_FREQ Auto-zero frequency setting
1
= Auto-zeroing algorithm running at higher speed
0
= Auto-zeroing algorithm running at lower speed (Default)
bit 7:6
RESET<1:0>: Reset mode setting for ADCs
11
= Both CH0 and CH1 ADC are in reset mode
10
= CH1 ADC in reset mode
01
= CH0 ADC in reset mode
00
= Neither ADC in reset mode(default)
bit 5:4
SHUTDOWN<1:0>: Shutdown mode setting for ADCs
11
= Both CH0 and CH1 ADC in Shutdown
10
= CH1 ADC in Shutdown
01
= CH0 ADC in Shutdown
00
= Neither Channel in Shutdown(default)
bit 3
Not implemented, read as 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com