Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 10Page - Microchip Technology MCP3911 Datasheet HTML 11Page - Microchip Technology MCP3911 Datasheet HTML 12Page - Microchip Technology MCP3911 Datasheet HTML 13Page - Microchip Technology MCP3911 Datasheet HTML 14Page - Microchip Technology MCP3911 Datasheet HTML 15Page - Microchip Technology MCP3911 Datasheet HTML 16Page - Microchip Technology MCP3911 Datasheet HTML 17Page - Microchip Technology MCP3911 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
MCP3911
DS22286A-page 14
© 2012 Microchip Technology Inc.
Note:
Unless otherwise indicated, AVDD = 3.3V, DVDD = 3.3 V; TA = 25°C, MCLK = 4 MHz; PRESCALE = 1;
OSR = 256; GAIN = 1; Dithering = Maximum; VIN = -0.5 dBFS @ 60 Hz, VREFEXT = 0; CLKEXT = 1,
AZ_FREQ = 0; BOOST = 1X.
FIGURE 2-19:
SFDR vs. MCLK.
FIGURE 2-20:
SINAD vs. GAIN.
FIGURE 2-21:
SINAD vs. GAIN (Dithering
Off).
FIGURE 2-22:
SINAD vs. GAIN vs. AZ
Speed Chart.
FIGURE 2-23:
THD vs. Input Signal
Amplitude.
FIGURE 2-24:
SINAD vs. Input Signal
Amplitude.
40
50
60
70
80
90
100
110
120
Boost = 0.5x
Boost = 0.66x
Boost = 2x
Boost = 1x
0
10
20
30
0
5
10
15
20
25
30
Frequency (MHz)
40
50
60
70
80
90
100
110
120
OSR = 32 OSR = 64
OSR = 128
OSR = 256
OSR = 4096
OSR = 2048
OSR = 1024
OSR = 512
0
10
20
30
1248
16
32
Gain (V/V)
70
75
80
85
90
95
100
1248
16
32
Gain (V/V)
Auto Zero Speed = Fast
Auto Zero Speed = Slow
80
-70
-60
-50
-40
-30
-20
-10
0
-120
-110
-100
-90
-80
-6
-5
-4
-3
-2
-1
0
1
2
3
Input Signal Amplitude (dBFS)
Channel 0
Channel 1
0
10
20
30
40
50
60
70
80
90
100
110
120
-6
-5
-4
-3
-2
-1
0
1
2
3
Input Signal Amplitude (dBFS)
Channel 0
Channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com