Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 33Page - Microchip Technology MCP3911 Datasheet HTML 34Page - Microchip Technology MCP3911 Datasheet HTML 35Page - Microchip Technology MCP3911 Datasheet HTML 36Page - Microchip Technology MCP3911 Datasheet HTML 37Page - Microchip Technology MCP3911 Datasheet HTML 38Page - Microchip Technology MCP3911 Datasheet HTML 39Page - Microchip Technology MCP3911 Datasheet HTML 40Page - Microchip Technology MCP3911 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 37
MCP3911
5.6
ADC Output Coding
The second order modulator, SINC3+SINC1 filter, PGA,
VREF and analog input structure, all work together to
produce the device transfer function for the analog to
digital conversion, Equation 5-3.
The channel data is either a 16-bit or 24-bit word,
presented
in
23-bit
or
15-bit
plus
sign,
two’s
complement format and is MSB (left) justified.
The ADC data is two or three bytes wide depending on
the WIDTH bit of the associated channel. The 16-bit
mode includes a round to the closest 16-bit word
(instead of truncation), in order to improve the accuracy
of the ADC data.
In case of positive saturation (CHn+ - CHn- > VREF/
1.5), the output is locked to 7FFFFF for 24 bit mode
(7FFF for 16 bit mode). In case of negative saturation
(CHn+ - CHn- <-VREF/1.5), the output code is locked to
800000 for 24-bit mode (8000 for 16 bit mode).
Equation 5-3 is only true for DC inputs. For AC inputs,
this transfer function needs to be multiplied by the
transfer function of the SINC3+SINC1 filter (see
Equation 5-1 and Equation 5-3).
EQUATION 5-3:
The ADC resolution is a function of the OSR
(Section 5.5 “SINC3 + SINC1 Filter”). The resolution
is the same for both channels. No matter what the res-
olution is, the ADC output data is always presented in
24-bit words, with added zeros at the end, if the OSR is
not large enough to produce 24-bit resolution (left
justification).
DATA_CHn
CH
n+
CH
n-
–
()
V
REF+
V
REF-
–
-------------------------------------
⎝⎠
⎛⎞
8,388,608
G
1.5
×
×
×
=
DATA_CHn
CH
n+
CH
n-
–
()
V
REF+
V
REF-
–
-------------------------------------
⎝⎠
⎛⎞
32 768
,G
1.5
×
×
×
=
(For 24-bit Mode Or WIDTH = 1)
(For 16-bit Mode Or WIDTH = 0)
TABLE 5-5:
OSR = 256 (AND HIGHER) OUTPUT CODE EXAMPLES
ADC Output Code (MSB First)
Hexadecimal
Decimal, 24-bit
Resolution
0111
1111
1111
1111
111 1
1111
0x7FFFFF
+ 8,388,607
0111
1111
1111
1111
111 1
1110
0x7FFFFE
+ 8,388,606
0000
0000
0000
0000
000 0
0000
0x000000
0
1111
1111
1111
1111
111 1
1111
0xFFFFFF
-1
1000
0000
0000
0000
000 0
0001
0x800001
- 8,388,607
1000
0000
0000
0000
000 0
0000
0x800000
- 8,388,608
TABLE 5-6:
OSR = 128 OUTPUT CODE EXAMPLES
ADC Output Code (MSB First)
Hexadecimal
Decimal
23-bit Resolution
0111
1 111
1111
1 111
1111
111 0
0x7FFFFE
+ 4,194,303
0111
1 111
1111
1 110
1111
110 0
0x7FFFFC
+ 4,194,302
0000
0 000
0000
0 000
0000
000 0
0x000000
0
1111
1 111
1111
1 111
1111
111 0
0xFFFFFE
-1
1000
0 000
0000
0 000
0000
001 0
0x800002
- 4,194,303
1000
0 000
0000
0 000
0000
000 0
0x800000
- 4,194,304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com