Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 136 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 136 Page - SPANSION

Back Button S25FS256S Datasheet HTML 132Page - SPANSION S25FS256S Datasheet HTML 133Page - SPANSION S25FS256S Datasheet HTML 134Page - SPANSION S25FS256S Datasheet HTML 135Page - SPANSION S25FS256S Datasheet HTML 136Page - SPANSION S25FS256S Datasheet HTML 137Page - SPANSION S25FS256S Datasheet HTML 138Page - SPANSION S25FS256S Datasheet HTML 139Page - SPANSION S25FS256S Datasheet HTML 140Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 154 page
background image
136
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
12.2
Registers
The register maps are copied in this section as a quick reference. See Registers on page 59 for the full
description of the register contents.
4BAM
Enter 4-byte Address Mode
B7
133
0
No
DIOR
Dual I/O Read
BB
66
3 or 4
No
4DIOR
Dual I/O Read
BC
66
4
No
SBL
Set Burst Length
C0
133
0
No
BE
Bulk Erase (alternate instruction)
C7
133
0
Yes
EES
Evaluate Erase Status
D0
133
3 or 4
Yes
SE
Erase 64 kB or 256 kB
D8
133
3 or 4
Yes
4SE
Erase 64 kB or 256 kB
DC
133
4
Yes
4DYBRD
DYB Read
E0
133
4
Yes
4DYBWR
DYB Write
E1
133
4
Yes
4PPBRD
PPB Read
E2
133
4
No
4PPBP
PPB Program
E3
133
4
No
PPBE
PPB Erase
E4
133
0
No
PASSRD
Password Read
E7
133
0
No
PASSP
Password Program
E8
133
0
No
PASSU
Password Unlock
E9
133
0
No
QIOR
Quad I/O Read
EB
133
3 or 4
Yes
4QIOR
Quad I/O Read
EC
133
4
Yes
DDRQIOR
DDR Quad I/O Read
ED
80
3 or 4
Yes
4DDRQIOR
DDR Quad I/O Read
EE
80
4
Yes
RESET
Legacy Software Reset
F0
133
0
No
DYBRD
DYB Read
FA
133
3 or 4
Yes
DYBWR
DYB Write
FB
133
3 or 4
Yes
PPBRD
PPB Read
FC
133
3 or 4
No
PPBP
PPB Program
FD
133
3 or 4
No
MBR
Mode Bit Reset
FF
133
0
Yes
Table 12.1 S25FS-S Family Command Set (sorted by instruction)
Command
Name
Command Description
Instruction
Value
(Hex)
Maximum
Frequency
(MHz)
Address
Length
(Bytes)
QPI
Table 12.2 Status Register 1 Non-Volatile (SR1NV)
Bits
Field Name
Function
Type
Default State
Description
7
SRWD_NV
Status Register
Write Disable
Default
Non-Volatile
0
1 = Locks state of SRWD, BP, and Configuration
Register 1 bits when WP# is low by not executing WRR
or WRAR commands that would affect SR1NV, SR1V,
CR1NV, or CR1V.
0 = No protection, even when WP# is low.
6
P_ERR_D
Programming
Error Default
Non-Volatile
Read Only
0
Provides the default state for the Programming Error
Status. Not user programmable.
5
E_ERR_D
Erase Error
Default
Non-Volatile
Read Only
0
Provides the default state for the Erase Error Status. Not
user programmable.
4
BP_NV2
Block
Protection
Non-Volatile
Non-Volatile
000b
Protects the selected range of sectors (Block) from
Program or Erase when the BP bits are configured as
non-volatile (CR1NV[3]=0). Programmed to 111b when
BP bits are configured to volatile (CR1NV[3]=1).- after
which these bits are no longer user programmable.
3
BP_NV1
2
BP_NV0
1
WEL_D
WEL Default
Non-Volatile
Read Only
0
Provides the default state for the WEL Status. Not user
programmable.
0
WIP_D
WIP Default
Non-Volatile
Read Only
0
Provides the default state for the WIP Status. Not user
programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com