Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 137 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 137 Page - SPANSION

Back Button S25FS256S Datasheet HTML 133Page - SPANSION S25FS256S Datasheet HTML 134Page - SPANSION S25FS256S Datasheet HTML 135Page - SPANSION S25FS256S Datasheet HTML 136Page - SPANSION S25FS256S Datasheet HTML 137Page - SPANSION S25FS256S Datasheet HTML 138Page - SPANSION S25FS256S Datasheet HTML 139Page - SPANSION S25FS256S Datasheet HTML 140Page - SPANSION S25FS256S Datasheet HTML 141Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
137
Da ta
Shee t
(Prelim i nar y )
Table 12.3 Status Register 1 Volatile (SR1V)
Bits
Field
Name
Function
Type
Default State
Description
7
SRWD
Status Register
Write Disable
Volatile
Read Only
SR1NV
Volatile copy of SR1NV[7].
6
P_ERR
Programming
Error Occurred
Volatile
Read Only
1 = Error occurred.
0 = No Error.
5
E_ERR
Erase Error
Occurred
Volatile
Read Only
1= Error occurred.
0 = No Error.
4
BP2
Block
Protection
Volatile
Volatile
Protects selected range of sectors (Block) from Program
or Erase when the BP bits are configured as volatile
(CR1NV[3]=1). Volatile copy of SR1NV[4:2] when BP
bits are configured as non-volatile. User writable when
BP bits are configured as volatile.
3
BP1
2
BP0
1
WEL
Write Enable
Latch
Volatile
1 = Device accepts Write Registers (WRR and WRAR),
Program, or Erase commands.
0 = Device ignores Write Registers (WRR and WRAR),
Program, or Erase commands.
This bit is not affected by WRR or WRAR, only WREN
and WRDI commands affect this bit.
0
WIP
Write-In-
Progress
Volatile
Read Only
1= Device Busy, an embedded operation is in progress
such as Program or Erase.
0 = Ready Device is in Standby mode and can accept
commands.
This bit is not affected by WRR or WRAR, it only
provides WIP status.
Table 12.4 Status Register 2 Volatile (SR2V)
Bits
Field Name
Function
Type
Default State
Description
7
RFU
Reserved
0
Reserved for Future Use.
6
RFU
Reserved
0
Reserved for Future Use.
5
RFU
Reserved
0
Reserved for Future Use.
4
RFU
Reserved
0
Reserved for Future Use.
3
RFU
Reserved
0
Reserved for Future Use.
2
ESTAT
Erase Status
Volatile
Read Only
0
1 = Sector Erase Status command result =
Erase Completed.
0 = Sector Erase Status command result =
Erase Not Completed.
1
ES
Erase Suspend
Volatile
Read Only
0
1 = In Erase Suspend mode.
0 = Not in Erase Suspend mode.
0
PS
Program
Suspend
Volatile
Read Only
0
1 = In Program Suspend mode.
0 = Not in Program Suspend mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com