Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 141 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 141 Page - SPANSION

Back Button S25FS256S Datasheet HTML 137Page - SPANSION S25FS256S Datasheet HTML 138Page - SPANSION S25FS256S Datasheet HTML 139Page - SPANSION S25FS256S Datasheet HTML 140Page - SPANSION S25FS256S Datasheet HTML 141Page - SPANSION S25FS256S Datasheet HTML 142Page - SPANSION S25FS256S Datasheet HTML 143Page - SPANSION S25FS256S Datasheet HTML 144Page - SPANSION S25FS256S Datasheet HTML 145Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
141
Da ta
Shee t
(Prelim i nar y )
Table 12.14 Password Register (PASS)
Bits
Field
Name
Function
Type
Default State
Description
63 to 0
PWD
Hidden
Password
OTP
FFFFFFFF-
FFFFFFFFh
Non-Volatile OTP storage of 64-bit password. The password is
no longer readable after the password protection mode is
selected by programming ASP register bit 2 to 0.
Table 12.15 PPB Lock Register (PPBL)
Bits
Field Name
Function
Type
Default State
Description
7 to 1
RFU
Reserved
Volatile
00h
Reserved for Future Use
0
PPBLOCK
Protect PPB Array
Volatile
Read
Only
ASPR[2:1] = 1xb = Persistent
Protection Mode = 1
ASPR[2:1] = 01b = Password
Protection Mode = 0
0 = PPB array protected.
1 = PPB array may be programmed or erased.
Table 12.16 PPB Access Register (PPBAR)
Bits
Field Name
Function
Type
Default State
Description
7 to 0
PPB
Read or Program
per sector PPB
Non-Volatile
FFh
00h = PPB for the sector addressed by the PPBRD or
PPBP command is programmed to 0, protecting that
sector from program or erase operations.
FFh = PPB for the sector addressed by the PPBRD
command is 1, not protecting that sector from program
or erase operations.
Table 12.17 DYB Access Register (DYBAR)
Bits
Field Name
Function
Type
Default State
Description
7 to 0
DYB
Read or Write
per sector DYB
Volatile
FFh
00h = DYB for the sector addressed by the DYBRD or DYBWR
command is cleared to 0, protecting that sector from program or
erase operations.
FFh = DYB for the sector addressed by the DYBRD or DYBWR
command is set to 1, not protecting that sector from program or
erase operations.
Table 12.18 Non-Volatile Data Learning Register (NVDLR)
Bits
Field Name
Function
Type
Default State
Description
7 to 0
NVDLP
Non-Volatile
Data Learning
Pattern
OTP
00h
OTP value that may be transferred to the host during DDR read
command latency (dummy) cycles to provide a training pattern to
help the host more accurately center the data capture point in the
received data bits.
Table 12.19 Volatile Data Learning Register (VDLR)
Bits
Field Name
Function
Type
Default State
Description
7 to 0
VDLP
Volatile Data
Learning
Pattern
Volatile
Takes the
value of
NVDLR
during POR
or Reset
Volatile copy of the NVDLP used to enable and deliver the Data
Learning Pattern (DLP) to the outputs. The VDLP may be changed
by the host during system operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com