Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 144 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 144 Page - SPANSION

Back Button S25FS256S Datasheet HTML 140Page - SPANSION S25FS256S Datasheet HTML 141Page - SPANSION S25FS256S Datasheet HTML 142Page - SPANSION S25FS256S Datasheet HTML 143Page - SPANSION S25FS256S Datasheet HTML 144Page - SPANSION S25FS256S Datasheet HTML 145Page - SPANSION S25FS256S Datasheet HTML 146Page - SPANSION S25FS256S Datasheet HTML 147Page - SPANSION S25FS256S Datasheet HTML 148Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 154 page
background image
144
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
Table 12.24 CFI System Interface String
Byte Address
Data
Description
1Bh
17h
VDD Min. (erase/program): 100 millivolts BCD
1Ch
19h
VDD Max. (erase/program): 100 millivolts BCD
1Dh
00h
VPP Min. voltage (00h = no VPP present)
1Eh
00h
VPP Max. voltage (00h = no VPP present)
1Fh
09h
Typical timeout per single byte program 2N µs
20h
09h
Typical timeout for Min. size Page program 2
N µs
(00h = not supported)
21h
08h (4 kB or 64 kB)
0Ah (256 kB)
Typical timeout per individual Sector Erase 2
N ms
22h
0Fh (128 Mb)
10h (256 Mb)
Typical timeout for full chip erase 2N ms (00h = not supported)
23h
02h
Max. timeout for byte program 2
N times typical
24h
02h
Max. timeout for page program 2N times typical
25h
03h
Max. timeout per individual Sector Erase 2
N times typical
26h
03h
Max. timeout for full chip erase 2
N times typical
(00h = not supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com