Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 148 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 148 Page - SPANSION

Back Button S25FS256S Datasheet HTML 144Page - SPANSION S25FS256S Datasheet HTML 145Page - SPANSION S25FS256S Datasheet HTML 146Page - SPANSION S25FS256S Datasheet HTML 147Page - SPANSION S25FS256S Datasheet HTML 148Page - SPANSION S25FS256S Datasheet HTML 149Page - SPANSION S25FS256S Datasheet HTML 150Page - SPANSION S25FS256S Datasheet HTML 151Page - SPANSION S25FS256S Datasheet HTML 152Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 154 page
background image
148
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
Table 12.30 CFI Alternate Vendor-Specific Extended Query Parameter 84h Suspend Commands
Parameter Relative
Byte Address
Offset
Data
Description
00h
84h
Parameter ID (Suspend Commands
01h
08h
Parameter Length (The number of following bytes in this parameter. Adding this value to the
current location value +1 = the first byte of the next parameter)
02h
75h
Program suspend instruction code
03h
28h
Program suspend latency maximum (µs)
04h
7Ah
Program resume instruction code
05h
64h
Program resume to next suspend typical (µs)
06h
75h
Erase suspend instruction code
07h
28h
Erase suspend latency maximum (µs)
08h
7Ah
Erase resume instruction code
09h
64h
Erase resume to next suspend typical (µs)
Table 12.31 CFI Alternate Vendor-Specific Extended Query Parameter 88h Data Protection
Parameter Relative
Byte Address
Offset
Data
Description
00h
88h
Parameter ID (Data Protection)
01h
04h
Parameter Length (The number of following bytes in this parameter. Adding this value to the
current location value +1 = the first byte of the next parameter)
02h
0Ah
OTP size 2
N bytes, FFh = not supported
03h
01h
OTP address map format,
01h = FL-S and FS-S format
FFh = not supported
04h
xxh
Block Protect Type, model dependent
00h = FL-P, FL-S, FS-S
FFh = not supported
05h
xxh
Advanced Sector Protection type, model dependent
01h = FL-S and FS-S ASP.
Table 12.32 CFI Alternate Vendor-Specific Extended Query Parameter 8Ch Reset Timing
Parameter Relative
Byte Address
Offset
Data
Description
00h
8Ch
Parameter ID (Reset Timing)
01h
06h
Parameter Length (The number of following bytes in this parameter. Adding this value to the
current location value +1 = the first byte of the next parameter)
02h
96h
POR maximum value
03h
01h
POR maximum exponent 2N µs
04h
23h
Hardware Reset maximum value, FFh = not supported (the initial delivery state has
hardware reset disabled but it may be enabled by the user at a later time)
05h
00h
Hardware Reset maximum exponent 2N µs
06h
23h
Software Reset maximum value, FFh = not supported
07h
00h
Software Reset maximum exponent 2
N µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com