Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 149 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 149 Page - SPANSION

Back Button S25FS256S Datasheet HTML 145Page - SPANSION S25FS256S Datasheet HTML 146Page - SPANSION S25FS256S Datasheet HTML 147Page - SPANSION S25FS256S Datasheet HTML 148Page - SPANSION S25FS256S Datasheet HTML 149Page - SPANSION S25FS256S Datasheet HTML 150Page - SPANSION S25FS256S Datasheet HTML 151Page - SPANSION S25FS256S Datasheet HTML 152Page - SPANSION S25FS256S Datasheet HTML 153Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
149
Da ta
Shee t
(Prelim i nar y )
This parameter type (Parameter ID F0h) may appear multiple times and have a different length each time.
The parameter is used to reserve space in the ID-CFI map or to force space (pad) to align a following
parameter to a required boundary.
Table 12.33 CFI Alternate Vendor-Specific Extended Query Parameter F0h RFU
Parameter Relative
Byte Address
Offset
Data
Description
00h
F0h
Parameter ID (RFU)
01h
0Fh
Parameter Length (The number of following bytes in this parameter. Adding this value to the
current location value +1 = the first byte of the next parameter)
02h
FFh
RFU
...
FFh
RFU
10h
FFh
RFU
Table 12.34 CFI Alternate Vendor-Specific Extended Query Parameter A5h, JEDEC SFDP (Sheet 1 of 2)
Parameter
Relative Byte
Address Offset
SFDP Relative
Dword
Address Offset
Data
Description
00h
N/A
A5h
CFI Parameter ID (JEDEC SFDP)
01h
N/A
3Ch
Parameter Length (The number of following bytes in this parameter. Adding this
value to the current location value +1 = the first byte of the next parameter).
02h
00h
JEDEC SFDP
Parameter
Dword-1
FFh
Start of SFDP JEDEC parameter
Bits 7:5 = unused = 111b
Bit 4 = 06h is Status Register write instruction = 1
Bit 3 = 00h must be written to Status Register to enable program and erase = 1
Bit 2 = Program Buffer > 64 bytes = 1
Bits 1:0 = Uniform 4-kB erase unavailable = 11b
03h
FFh
Uniform 4-kB erase opcode = not supported = FFh
04h
B2h
(FSxxxSAG)
BAh
(FSxxxSDS)
Bit 23 = Unused = 1b
Bit 22 = Supports Quad Out (1-1-4) Read = No = 0b
Bit 21 = Supports Quad I/O (1-4-4) Read = Yes = 1b
Bit 20 = Supports Dual I/O (1-2-2) Read = Yes = 1b
Bit19 = Supports DDR 0= No, 1 = Yes
Bit 18:17 = Number of Address Bytes, 3 or 4 = 01b
Bit 16 = Supports Dual Out (1-1-2) Read = No = 0b
05h
FFH
Bits 31:24 = Unused = FFh
06h
01h
JEDEC SFDP
Parameter
Dword-2
FFh
Density in bits, zero based
07h
FFh
08h
FFh
09h
07h (128 Mb)
0Fh (256 Mb)
0Ah
02h
JEDEC SFDP
Parameter
Dword-3
48h
Bits 7:5 = number of Quad I/O (1-4-4) Mode cycles = 010b
Bits 4:0 = number of Quad I/O Dummy cycles = 01000b (Initial Delivery State)
0Bh
EBh
Quad I/O instruction code
0Ch
FFh
Bits 23:21 = number of Quad Out (1-1-4) Mode cycles = 111b
Bits 20:16 = number of Quad Out Dummy cycles = 11111b
0Dh
FFh
Quad Out instruction code
0Eh
03h
JEDEC SFDP
Parameter
Dword-4
FFh
Bits 7:5 = number of Dual Out (1-1-2) Mode cycles = 111b
Bits 4:0 = number of Dual Out Dummy cycles = 11111b
0Fh
FFh
Dual Out instruction code
10h
88h
Bits 23:21 = number of Dual I/O (1-2-2) Mode cycles = 100b
Bits 20:16 = number of Dual I/O Dummy cycles = 01000b (Initial Delivery State)
11h
BBh
Dual I/O instruction code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com