Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 145 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 145 Page - SPANSION

Back Button S25FS256S Datasheet HTML 141Page - SPANSION S25FS256S Datasheet HTML 142Page - SPANSION S25FS256S Datasheet HTML 143Page - SPANSION S25FS256S Datasheet HTML 144Page - SPANSION S25FS256S Datasheet HTML 145Page - SPANSION S25FS256S Datasheet HTML 146Page - SPANSION S25FS256S Datasheet HTML 147Page - SPANSION S25FS256S Datasheet HTML 148Page - SPANSION S25FS256S Datasheet HTML 149Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
145
Da ta
Shee t
(Prelim i nar y )
Note:
1. FS-S devices are user configurable to have either a hybrid sector architecture (with eight 4-kB sectors and all remaining sectors are
uniform 64 kB or 256 kB) or a uniform sector architecture with all sectors uniform 64 kB or 256 kB. FS-S devices are also user
configurable to have the 4-kB parameter sectors at the top of memory address space. The CFI geometry information of the above table is
relevant only to the initial delivery state. All devices are initially shipped from Spansion with the hybrid sector architecture with the 4-kB
sectors located at the bottom of the array address map. However, the device configuration TBPARM bit CR1NV[2] may be programed to
invert the sector map to place the 4-kB sectors at the top of the array address map. The 20h_NV bit (CR3NV[3} may be programmed to
remove the 4-kB sectors from the address map. The flash device driver software must examine the TBPARM and 20h_NV bits to
determine if the sector map was inverted or hybrid sectors removed at a later time.
Table 12.25 Device Geometry Definition for Bottom Boot Initial Delivery State
Byte Address
Data
Description
27h
18h (128 Mb)
19h (256 Mb)
Device Size = 2N bytes;
28h
02h
Flash Device Interface Description;
0000h = x8 only
0001h = x16 only
0002h = x8/x16 capable
0003h = x32 only
0004h = Single I/O SPI, 3-byte address
0005h = Multi I/O SPI, 3-byte address
0102h = Multi I/O SPI, 3- or 4-byte address
29h
01h
2Ah
08h
Max. number of bytes in multi-byte write = 2
N
0000 = not supported
0008h = 256B page
2Bh
00h
2Ch
03h
Number of Erase Block Regions within device
1 = Uniform Device, >1 = Boot Device
2Dh
07h
Erase Block Region 1 Information (refer to JEDEC JEP137)
8 sectors = 8-1 = 0007h
4-kB sectors = 256 bytes x 0010h
2Eh
00h
2Fh
10h
30h
00h
31h
00h
Erase Block Region 2 Information (refer to JEDEC JEP137)
128 Mb and 256 Mb:
1 sector = 1-1 = 0000h
32-kB sector = 256 bytes x 0080h
32h
00h
33h
80h
34h
00h (128 Mb)
00h (256 Mb)
35h
FEh
Erase Block Region 3 Information
128 Mb and 256 Mb:
255 sectors = 255-1 = 00FEh (128 Mb)
511 sectors = 511-1 = 01FEh (256 Mb)
64-kB sectors = 0100h x 256 bytes
36h
00h (128 Mb)
01h (256 Mb)
37h
00h
38h
01h (128 Mb)
01h (256 Mb)
39h thru 3Fh
FFh
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com