Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 143 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 143 Page - SPANSION

Back Button S25FS256S Datasheet HTML 139Page - SPANSION S25FS256S Datasheet HTML 140Page - SPANSION S25FS256S Datasheet HTML 141Page - SPANSION S25FS256S Datasheet HTML 142Page - SPANSION S25FS256S Datasheet HTML 143Page - SPANSION S25FS256S Datasheet HTML 144Page - SPANSION S25FS256S Datasheet HTML 145Page - SPANSION S25FS256S Datasheet HTML 146Page - SPANSION S25FS256S Datasheet HTML 147Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
143
Da ta
Shee t
(Prelim i nar y )
12.4
Device ID and Common Flash Interface (ID-CFI) Address Map
12.4.1
Field Definitions
Table 12.22 Manufacturer and Device ID
Byte Address
Data
Description
00h
01h
Manufacturer ID for Spansion
01h
20h (128 Mb)
02h (256 Mb)
Device ID Most Significant Byte - Memory Interface Type
02h
18h (128 Mb)
19h (256 Mb)
Device ID Least Significant Byte - Density
03h
4Dh
ID-CFI Length - number bytes following. Adding this value to the
current location of 03h gives the address of the last valid location in
the ID-CFI legacy address map. The legacy CFI address map ends
with the Primary Vendor-Specific Extended Query. The original
legacy length is maintained for backward software compatibility.
However, the CFI Query Identification String also includes a pointer
to the Alternate Vendor-Specific Extended Query that contains
additional information related to the FS-S family.
04h
00h (Uniform 256-kB physical sectors)
01h (Uniform 64-kB physical sectors)
Physical Sector Architecture
The S25FS-S family may be configured with or without 4-kB
parameter sectors in addition to the uniform sectors.
05h
81h (S25FS-S Family)
Family ID
06h
xxh
ASCII characters for Model
Refer to Ordering Information on page 151 for the model number
definitions.
07h
xxh
08h
xxh
Reserved
09h
xxh
Reserved
0Ah
xxh
Reserved
0Bh
xxh
Reserved
0Ch
xxh
Reserved
0Dh
xxh
Reserved
0Eh
xxh
Reserved
0Fh
xxh
Reserved
Table 12.23 CFI Query Identification String
Byte Address
Data
Description
10h
11h
12h
51h
52h
59h
Query Unique ASCII string “QRY”
13h
14h
02h
00h
Primary OEM Command Set
FL-P backward compatible command set ID
15h
16h
40h
00h
Address for Primary Extended Table
17h
18h
53h
46h
Alternate OEM Command Set
ASCII characters “FS” for SPI (F) interface, S Technology
19h
1Ah
51h
00h
Address for Alternate OEM Extended Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com