Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 142 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 142 Page - SPANSION

Back Button S25FS256S Datasheet HTML 138Page - SPANSION S25FS256S Datasheet HTML 139Page - SPANSION S25FS256S Datasheet HTML 140Page - SPANSION S25FS256S Datasheet HTML 141Page - SPANSION S25FS256S Datasheet HTML 142Page - SPANSION S25FS256S Datasheet HTML 143Page - SPANSION S25FS256S Datasheet HTML 144Page - SPANSION S25FS256S Datasheet HTML 145Page - SPANSION S25FS256S Datasheet HTML 146Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 154 page
background image
142
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
12.3
Serial Flash Discoverable Parameters (SFDP) Address Map
The SFDP address space has a header starting at address zero that identifies the SFDP data structure and
provides a pointer to each parameter. One parameter is mandated by the JEDEC JESD216 standard.
Spansion provides an additional parameter by pointing to the ID-CFI address space i.e. the ID-CFI address
space is a sub-set of the SFDP address space. The JEDEC parameter is located within the ID-CFI address
space and is thus both a CFI parameter and an SFDP parameter. In this way both SFDP and ID-CFI
information can be accessed by either the RSFDP or RDID commands.
12.3.1
Field Definitions
Table 12.20 SFDP Overview Map
Relative Byte
Address Offset
SFDP Dword
Address
Description
0000h
00h
Location zero within SFDP space - start of SFDP header.
,,,
...
Remainder of SFDP header followed by undefined space.
1000h
400h
Location zero within ID-CFI space - start of ID-CFI.
...
...
ID-CFI parameters.
1120h
448h
Start of SFDP JEDEC parameter which is also part of a CFI parameter.
...
...
Remainder of SFDP JEDEC parameter followed by either more CFI parameters or undefined
space.
Table 12.21 SFDP Header
Relative Byte
Address Offset
SFDP Dword
Address
Data
Description
00h
00h
53h
This is the entry point for Read SFDP (5Ah) command i.e. location zero within
SFDP space
ASCII “S”
01h
46h
ASCII “F”
02h
44h
ASCII “D”
03h
50h
ASCII “P”
04h
01h
00h
SFDP Minor Revision
05h
01h
SFDP Major Revision
06h
01h
Number of Parameter Headers (zero based, 01h = 2 parameters)
07h
FFh
Unused
08h
02h
00h
Manufacturer ID (JEDEC SFDP Mandatory Parameter)
09h
00h
Parameter Minor Revision
0Ah
01h
Parameter Major Revision
0Bh
09h
Parameter Table Length (in double words = Dwords = 4 byte units)
0Ch
03h
48h
Parameter Table Pointer Byte 0 (Dword = 4-byte aligned)
JEDEC parameter byte offset = 1120h = 448h Dword address
0Dh
04h
Parameter Table Pointer Byte 1
0Eh
00h
Parameter Table Pointer Byte 2
0Fh
FFh
Unused
10h
04h
01h
Manufacturer ID (Spansion)
11h
00h
Parameter Minor Revision
12h
01h
Parameter Major Revision
13h
51h
Parameter Table Length (in double words = Dwords = 4-byte units)
14h
05h
00h
Parameter Table Pointer Byte 0 (Dword = 4-byte aligned)
Entry point for ID-CFI parameter is byte offset = 1000h relative to SFDP location
zero. 1000h Bytes = 400h Dwords
15h
04h
Parameter Table Pointer Byte 1
16h
00h
Parameter Table Pointer Byte 2
17h
FFh
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com