Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 138 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 138 Page - SPANSION

Back Button S25FS256S Datasheet HTML 134Page - SPANSION S25FS256S Datasheet HTML 135Page - SPANSION S25FS256S Datasheet HTML 136Page - SPANSION S25FS256S Datasheet HTML 137Page - SPANSION S25FS256S Datasheet HTML 138Page - SPANSION S25FS256S Datasheet HTML 139Page - SPANSION S25FS256S Datasheet HTML 140Page - SPANSION S25FS256S Datasheet HTML 141Page - SPANSION S25FS256S Datasheet HTML 142Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 154 page
background image
138
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
Table 12.5 Configuration Register 1 Non-Volatile (CR1NV)
Bits
Field Name
Function
Type
Default
State
Description
7
RFU
Reserved for Future
Use
Non-Volatile
0
Reserved.
6
RFU
0
5
TBPROT_O
Configures Start of
Block Protection
OTP
0
1 = BP starts at bottom (Low address).
0 = BP starts at top (High address).
4
RFU
Reserved for Future
Use
RFU
0
Reserved.
3
BPNV_O
Configures BP2-0 in
Status Register
OTP
0
1 = Volatile.
0 = Non-Volatile.
2
TBPARM_O
Configures
Parameter Sectors
location
OTP
0
1 = 4-kB physical sectors at top, (high address).
0 = 4-kB physical sectors at bottom (Low address).
RFU in uniform sector configuration.
1
QUAD_NV
Quad Non-Volatile
Non-Volatile
0
Provides the default state for the QUAD bit.
0
FREEZE_D
FREEZE Default
Non-Volatile
Read Only
0
Provides the default state for the Freeze bit. Not user
programmable.
Table 12.6 Configuration Register 1 Volatile (CR1V)
Bits
Field Name
Function
Type
Default
State
Description
7
RFU
Reserved for Future
Use
Volatile
CR1NV
Reserved.
6
RFU
5
TBPROT
Volatile copy of
TBPROT_O
Volatile
Read Only
Not user writable.
See CR1NV[5] TBPROT_O.
4
RFU
Reserved for Future
Use
RFU
Reserved.
3
BPNV
Volatile copy of
BPNV_O
Volatile
Read Only
Not user writable.
See CR1NV[3] BPNV_O.
2
TBPARM
Volatile copy of
TBPARM_O
Volatile
Read Only
Not user writable.
See CR1NV[2] TBPARM_O.
1
QUAD
Quad I/O Mode
Volatile
1 = Quad.
0 = Dual or Serial.
0
FREEZE
Lock-Down Block
Protection until next
power cycle
Volatile
Lock current state of Block Protection control bits, and
OTP regions.
1 = Block Protection and OTP locked.
0 = Block Protection and OTP unlocked.
Table 12.7 Configuration Register 2 Non-Volatile (CR2NV)
Bits
Field Name
Function
Type
Default
State
Description
7
AL_NV
Address Length
OTP
0
1 = 4-byte address.
0 = 3-byte address.
6
QA_NV
QPI
0
1 = Enabled - QPI (4-4-4) protocol in use.
0 = Disabled - Legacy SPI protocols in use, instruction is
always serial on SI.
5
IO3R_NV
IO3 Reset
0
1 = Enabled - IO3 is used as RESET# input when CS# is
high or Quad Mode is disabled CR1V[1]=1.
0 = Disabled - IO3 has no alternate function, hardware
reset is disabled.
4
RFU
Reserved
0
Reserved For Future Use.
3
RL_NV
Read Latency
1
0 to 15 latency (dummy) cycles following read address
or continuous mode bits.
Note that bit 3 has a default value of 1 and may be
programmed one time to 0 but cannot be returned to 1.
2
0
1
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com