Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 147 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 147 Page - SPANSION

Back Button S25FS256S Datasheet HTML 143Page - SPANSION S25FS256S Datasheet HTML 144Page - SPANSION S25FS256S Datasheet HTML 145Page - SPANSION S25FS256S Datasheet HTML 146Page - SPANSION S25FS256S Datasheet HTML 147Page - SPANSION S25FS256S Datasheet HTML 148Page - SPANSION S25FS256S Datasheet HTML 149Page - SPANSION S25FS256S Datasheet HTML 150Page - SPANSION S25FS256S Datasheet HTML 151Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
147
Da ta
Shee t
(Prelim i nar y )
Table 12.27 CFI Alternate Vendor-Specific Extended Query Header
Byte Address
Data
Description
51h
41h
Query-unique ASCII string “ALT”
52h
4Ch
53h
54h
54h
32h
Major version number = 2, ASCII
55h
30h
Minor version number = 0, ASCII
Table 12.28 CFI Alternate Vendor-Specific Extended Query Parameter 0
Parameter Relative
Byte Address
Offset
Data
Description
00h
00h
Parameter ID (Ordering Part Number)
01h
10h
Parameter Length (The number of following bytes in this parameter. Adding this value to the
current location value +1 = the first byte of the next parameter)
02h
53h
ASCII “S” for manufacturer (Spansion)
03h
32h
ASCII “25” for Product Characters (Single Die SPI)
04h
35h
05h
46h
ASCII “FS” for Interface Characters (SPI 1.8 Volt)
06h
53h
07h
31h (128 Mb)
32h (256 Mb)
ASCII characters for density
08h
32h (128 Mb)
35h (256 Mb)
09h
38h (128 Mb)
36h (256 Mb)
0Ah
53h
ASCII “S” for Technology (65 nm MirrorBit)
0Bh
FFh
Reserved for Future Use
0Ch
FFh
0Dh
FFh
Reserved for Future Use
0Eh
FFh
0Fh
FFh
Reserved for Future Use
10h
xxh
ASCII characters for Model
Refer to Ordering Information on page 151 for the model number definitions.
11h
xxh
Table 12.29 CFI Alternate Vendor-Specific Extended Query Parameter 80h Address Options
Parameter Relative
Byte Address
Offset
Data
Description
00h
80h
Parameter ID (Ordering Part Number)
01h
01h
Parameter Length (The number of following bytes in this parameter. Adding this value to the
current location value +1 = the first byte of the next parameter)
02h
EBh
Bits 7:5 - Reserved = 111b
Bit 4 - Address Length Bit in CR2V[7] - Yes= 0b
Bit 3 - AutoBoot support - No = 1b
Bit 2 - 4 byte address instructions supported - Yes= 0b
Bit 1 - Bank address + 3-byte address instructions supported - No = 1b
Bit 0 - 3-byte address instructions supported - No = 1b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com