Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 150 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 150 Page - SPANSION

Back Button S25FS256S Datasheet HTML 146Page - SPANSION S25FS256S Datasheet HTML 147Page - SPANSION S25FS256S Datasheet HTML 148Page - SPANSION S25FS256S Datasheet HTML 149Page - SPANSION S25FS256S Datasheet HTML 150Page - SPANSION S25FS256S Datasheet HTML 151Page - SPANSION S25FS256S Datasheet HTML 152Page - SPANSION S25FS256S Datasheet HTML 153Page - SPANSION S25FS256S Datasheet HTML 154Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 150 / 154 page
background image
150
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
12.5
Initial Delivery State
The device is shipped from Spansion with non-volatile bits set as follows:
 The entire memory array is erased: i.e. all bits are set to 1 (each byte contains FFh).
 The OTP address space has the first 16 bytes programmed to a random number. All other bytes are erased
to FFh.
 The SFDP address space contains the values as defined in the description of the SFDP address space.
 The ID-CFI address space contains the values as defined in the description of the ID-CFI address space.
 The Status Register 1 Non-Volatile contains 00h (all SR1NV bits are cleared to 0’s).
 The Configuration Register 1 Non-Volatile contains 00h.
 The Configuration Register 2 Non-Volatile contains 08h.
 The Configuration Register 3 Non-Volatile contains 00h.
 The Configuration Register 4 Non-Volatile contains 10h.
 The Password Register contains FFFFFFFF-FFFFFFFFh
 All PPB bits are 1.
 The ASP Register bits are FFFFh
12h
04h
JEDEC SFDP
Parameter
Dword-5
F6h
Bits 7:5 RFU = 111b
Bit 4 = QPI supported = Yes = 1b
Bits 3:1 RFU = 11b
Bit 0 = Dual All not supported = 0b
13h
FFh
Bits 15:8 = RFU = FFh
14h
FFh
Bits 23:16 = RFU = FFh
15h
FFh
Bits 31:24 = RFU = FFh
16h
05h
JEDEC SFDP
Parameter
Dword-6
FFh
Bits 7:0 = RFU = FFh
17h
FFh
Bits 15:8 = RFU = FFh
18h
FFh
Bits 23:21 = number of Dual All Mode cycles = 111b
Bits 20:16 = number of Dual All Dummy cycles = 11111b
19h
FFh
Dual All instruction code
1Ah
06h
JEDEC SFDP
Parameter
Dword-7
FFh
Bits 7:0 = RFU = FFh
1Bh
FFh
Bits 15:8 = RFU = FFh
1Ch
48h
Bits 23:21 = number of QPI Mode cycles = 010b
Bits 20:16 = number of QPI Dummy cycles = 01000b
1Dh
EBh
QPI Mode (4-4-4) instruction code
1Eh
07h
JEDEC SFDP
Parameter
Dword-8
0Ch
Sector type 1 size 2N Bytes = 4-kB = 0Ch for Hybrid (Initial Delivery State)
1Fh
20h
Sector type 1 instruction
20h
10h (128 Mb)
10h (256 Mb)
Sector type 2 size 2
N Bytes = 64 kB = 10h for 128 Mb and 256 Mb
21h
D8
Sector type 2 instruction
22h
08h
JEDEC SFDP
Parameter
Dword-9
00h
Sector type 3 size 2
N Bytes = not supported = 00h
23h
FFh
Sector type 3 instruction = not supported = FFh
24h
00h
Sector type 4 size 2
N Bytes = not supported = 00h
25h
FFh
Sector type 4 instruction = not supported = FFh
Table 12.34 CFI Alternate Vendor-Specific Extended Query Parameter A5h, JEDEC SFDP (Sheet 2 of 2)
Parameter
Relative Byte
Address Offset
SFDP Relative
Dword
Address Offset
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com