Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 151 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 151 Page - SPANSION

Back Button S25FS256S Datasheet HTML 146Page - SPANSION S25FS256S Datasheet HTML 147Page - SPANSION S25FS256S Datasheet HTML 148Page - SPANSION S25FS256S Datasheet HTML 149Page - SPANSION S25FS256S Datasheet HTML 150Page - SPANSION S25FS256S Datasheet HTML 151Page - SPANSION S25FS256S Datasheet HTML 152Page - SPANSION S25FS256S Datasheet HTML 153Page - SPANSION S25FS256S Datasheet HTML 154Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 151 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
151
Da ta
Shee t
(Prelim i nar y )
Ordering Information
13. Ordering Part Number
The ordering part number is formed by a valid combination of the following:
S25FS
256
S
AG
M
F
I
00
1
Packing Type
0
=
Tray
1
=
Tube
3
=
13” Tape and Reel
Model Number (Additional Ordering Options)
00
=
SOIC16 / WSON footprint, 64-kB Physical Sector
10
=
SOIC8 / WSON, 64-kB Physical Sector
20
=
5x5 ball BGA footprint, 64-kB Physical Sector
30
=
4x6 ball BGA footprint, 64-kB Physical Sector
1D
=
SOIC8, 64-kB Physical Sector, DDR
Temperature Range
I
=
Industrial (–40°C to + 85°C)
V
=
Automotive In-Cabin (–40°C to + 105°C)
Package Materials
F
=
Lead (Pb)-free
H
=
Low-Halogen, Lead (Pb)-free
Package Type
M
=
16-pin SOIC / 8-Lead SOIC
N
=
8-contact WSON 6 x 8 mm / WSON 6 x 5 mm
B
=
24-ball BGA 6 x 8 mm package, 1.00 mm pitch
Speed
AG
=
133 MHz
DS
=
80 MHz DDR
Device Technology
S
=
0.065 µm MirrorBit Process Technology
Density
128
=
128 Mbit
256
=
256 Mbit
Device Family
S25FS
Spansion Memory 1.8 Volt-only, Serial Peripheral Interface (SPI) Flash
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com