Electronic Components Datasheet Search
  English  ▼

X  

ADAV802 Datasheet(PDF) 34 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 30Page - Analog Devices ADAV802_15 Datasheet HTML 31Page - Analog Devices ADAV802_15 Datasheet HTML 32Page - Analog Devices ADAV802_15 Datasheet HTML 33Page - Analog Devices ADAV802_15 Datasheet HTML 34Page - Analog Devices ADAV802_15 Datasheet HTML 35Page - Analog Devices ADAV802_15 Datasheet HTML 36Page - Analog Devices ADAV802_15 Datasheet HTML 37Page - Analog Devices ADAV802_15 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
ADAV802
Preliminary Technical Data
Rev. Pr G | Page 34 of 53
Table 38. Channel Status Switch Buffer and Transmitter
Tx_A/B
Disable_
RES
RES
Same
Tx_Copy
RES
RES
TxCSSWITCH
RxCSSWITCH
7
6
5
4
3
2
1
0
ADDRESS = 0001110
Tx_A/B_Same
Transmitter Channel Status A and B are the same. The transmitter will only read from the Channel
Status A buffer and place the data into the Channel Status B buffer
0 = Channel Status for A and B are separate
1 = Channel Status for A and B are the same
Disable_Tx_Copy
Disables the copying of the Channel Status bits from Transmitter Channel Status Buffer to SPDIF
Transmitter Buffer
0 = Copying Transmitter Channel Status is enabled
1 = Copying Transmitter Channel Status is disabled
RES
Reserved
RES
Reserved
TxCSSWITCH
The toggle switch for the Transmit Channel Status Buffer
0 = The 24 byte Transmitter Channel Status A Buffer can be accessed at address locations 0x38
through 0x4F
1 = The 24 byte Transmitter Channel Status B Buffer can be accessed at address locations 0x38
through 0x4F
RxCSSWITCH
The toggle switch for the Receive Channel Status Buffer
0 = The 24 byte Receiver Channel Status A Buffer can be accessed at address locations 0x20
through 0x37
1 = The 24 byte Receiver Channel Status B Buffer can be accessed at address locations 0x20
through 0x37
Table 39. Transmitter Message Zeros Most Significant Byte
MSBZeros7-0
7,6,5,4,3,2,1,0
ADDRESS = 0001111
MSBZero7-0
The most significant byte of the number of zeros to be stuffed between IEC60958-3 messages (packets)
Default = 0x00
Table 40. Transmitter Message Zeros Least Significant Byte
LSBZeros7-0
7,6,5,4,3,2,1,0
ADDRESS = 0010000
LSBZero7-0
The least significant byte of the number of zeros to be stuffed between IEC60958-3 messages (packets)
Default = 0x09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com