| Electronic Components Datasheet Search |
|
ADAV802 Datasheet(PDF) 40 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV802 Datasheet(HTML) 40 Page - Analog Devices |
|
40 / 53 page ![]() ADAV802 Preliminary Technical Data Rev. Pr G | Page 40 of 53 Table 55. NonAudio Preamble Type Register (Read Only) DTS-CD Non Audio Non Audio Non Audio Non Audio RES RES RES RES Preamble Frame Subframe_A Subframe_B 7 6 5 4 3 2 1 0 ADDRESS = 0011111 DEFAULT VALUE = 0x DTS-CD Preamble Will be set if the DTS-CD Preamble is detect NonAudio Frame This bit will be set if the data received through the AES3/SPDIF Receiver is nonaudio data according to the IEC61937 standard or nonaudio data according to SMPTE337M NonAudio Subframe_A This bit will be set if the data received through Channel A of the AES3/SPDIF Receiver is subframe nonaudio data according to SMPTE337M NonAudio Subframe_B This bit will be set if the data received through Channel B of the AES3/SPDIF Receiver is subframe nonaudio data according to SMPTE337M Table 56. Receiver Channel Status Buffer RCSB7 RCSB6 RCSB5 RCSB4 RCSB3 RCSB2 RCSB1 RCSB0 7 6 5 4 3 2 1 0 ADDRESS = 0100000 to 0110111 This is the 24 byte Receiver Channel Status Buffer. The PRO bit is stored at address location 0x20, bit 0. This buffer is read only if the channel status is not autobuffered between the receiver and transmitter. Table 57. Transmitter Channel Status Buffer TCSB7 TCSB6 TCSB5 TCSB4 TCSB3 TCSB2 TCSB1 TCSB0 7 6 5 4 3 2 1 0 ADDRESS = 0111000 to 1001111 This is the 24 byte Transmitter Channel Status Buffer. The PRO bit is stored at address location 0x38, bit 0. This buffer is disabled when autobuffering between the receiver and transmitter is enabled. Table 58. Receiver User Bit Buffer Indirect Address Register RxUBADDR07-RxUBADDR00 7,6,5,4,3,2,1,0 ADDRESS = 1010000 RxUBADDR07-00 Indirect Address pointing to the address location in the Receiver User Bit buffer Table 59. Receiver User Bit Buffer Data Registe RxUBDATA07-RxUBDATA00 7,6,5,4,3,2,1,0 ADDRESS = 1010001 RxUBDATA07-00 A read from this register will read 8 bits of user data from the Receiver User bit buffer pointed to by RxUBADDR7-0. This buffer can be written to when autobuffering of the user bits is enabled otherwise it is a read only buffer Table 60. Transmitter User Bit Buffer Indirect Address Register TxUBADDR07-TxUBADDR00 7,6,5,4,3,2,1,0 ADDRESS = 1010010 TxUBADDR07-00 Indirect Address pointing to the address location in the Transmitter User Bit buffer |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |