Electronic Components Datasheet Search
  English  ▼

X  

ADAV802 Datasheet(PDF) 15 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 11Page - Analog Devices ADAV802_15 Datasheet HTML 12Page - Analog Devices ADAV802_15 Datasheet HTML 13Page - Analog Devices ADAV802_15 Datasheet HTML 14Page - Analog Devices ADAV802_15 Datasheet HTML 15Page - Analog Devices ADAV802_15 Datasheet HTML 16Page - Analog Devices ADAV802_15 Datasheet HTML 17Page - Analog Devices ADAV802_15 Datasheet HTML 18Page - Analog Devices ADAV802_15 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
Preliminary Technical Data
ADAV802
Rev. Pr G | Page 15 of 53
DAC SECTION
The ADAV802 has two DAC channels arranged as a stereo pair
with differential analog outputs. Each channel has its own
independently programmable attenuator, adjustable in 128 steps
of 0.375dB per step. The DAC can receive data from the
playback or auxiliary input ports, the SRC, the ADC or the DIR.
Each analog output pin sits at a dc level of VREF, and swings 1.0
Vrms for a 0dB digital input signal. A single op-amp third-order
external low-pass filter is recommended to remove high-
frequency noise present on the output pins. Note that the use of
op amps with low slew rate or low bandwidth may cause high
frequency noise and tones to fold down into the audio band;
care should be exercised in selecting these components. The
FILTD and FILTR pins should be bypassed by external
capacitors to AGND. The FILTD pin is used to reduce the noise
of the internal DAC bias circuitry, thereby reducing the DAC
output noise. The voltage at the VREF pin, FILTR can be used to
bias external op amps used to filter the output signals. For
applications where the FILTR is required to drive external op
amps which may draw more than 50µA or may have dynamic
load changes extra buffering should be used to preserve the
quality of the ADAV802 reference. The digital input data source
for the DAC can be selected from a number of available sources.
by programming the appropriate bits in the Datapath Control
register. Figure 7 shows how the digital data source and MCLK
source for the DAC are selected. Each DAC has an independent
volume register giving 256 steps of control with each step giving
approximately 0.375dB of attenuation. Each DAC also has a
peak level register which records the peak value of the digital
audio data. Reading the register clears the peak .
Selecting a Sample Rate
Correct operation of the DAC is dependant upon the data rate
provided to the DAC, the master clock applied to the DAC and
the selected interpolation rate. By default the DAC assumes that
the MCLK rate is 256 times the sample rate which requires an 8
times oversampling rate. This combination is suitable for
sample rates up to 48kHz. For the case of a 96kHz data rate
which has a 24.576MHz MCLK (256 × fS) associated with it the
DAC MCLK divider should be set to divide the MCLK by 2.
This will prevent the DAC engine being run too fast. To
compensate for the reduced MCLK rate the interpolator should
be selected to operate in 4 × (DAC MCLK = 128 × fS). Similar
combinations can be selected for different sample rates.
REG: 0x76
BITS 7-5
DAC
DAC
MCLK
AUXILIARY IN
PLAYBACK
DIR
ADC
REG: 0x63
BITS 5-3
DAC
INPUT
MCLK
DIVIDER
REG: 0x65
BITS 3-2
801-0007
Figure 7. Clock and data Path Control on the DAC
MULTI-BIT
SIGMA-DELTA
MODULATOR
INTERPOLATOR
DAC
DAC
TO ZERO FLAG PINS
PEAK
DETECTOR
ZERO DETECT
FROM DAC
DATAPATH
MULTIPLEXER
VOLUME/MUTE
CONTROL
TO CONTROL
REGISTERS
ANALOG
OUTPUT
801-0006
Figure 8. DAC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com