Electronic Components Datasheet Search
  English  ▼

X  

ADAV802 Datasheet(PDF) 12 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 8Page - Analog Devices ADAV802_15 Datasheet HTML 9Page - Analog Devices ADAV802_15 Datasheet HTML 10Page - Analog Devices ADAV802_15 Datasheet HTML 11Page - Analog Devices ADAV802_15 Datasheet HTML 12Page - Analog Devices ADAV802_15 Datasheet HTML 13Page - Analog Devices ADAV802_15 Datasheet HTML 14Page - Analog Devices ADAV802_15 Datasheet HTML 15Page - Analog Devices ADAV802_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
ADAV802
Preliminary Technical Data
Rev. Pr G | Page 12 of 53
FUNCTIONAL DESCRIPTION
ADC SECTION
The ADAV802's ADC section is implemented using a 2nd order
multi-bit (5-bits) Sigma-Delta modulator. The modulator is
sampled at either half the ADC MCLK rate (Modulator Clock =
128 × fS) or a quarter of the ADC MCLK rate (Modulator Clock
= 64 × fS). The digital decimator consists of a Sinc^5 filter
followed by a cascade of 3 half-band FIR filters. The Sinc
decimates by a factor of 16 at 48 kHz and by 8 at 96 kHz. Each
of the half-band filters decimates by a factor of 2. Figure 3 below
shows the detail of the ADC section. The ADC can be clocked
by a number of different clock sources to control the sample
rate. MCLK selection for the ADC is set by Internal Clocking
Control Register 1 (address = 0x76). The ADC provides an
output word of up to 24 bits in resolution in 2s complement
format. The output word can be routed to the output ports, to
the sample rate converter or to the SPDIF digital transmitter.
REG: 0x76
BITS 4-2
ADC
ADC
MCLK
ADC MCLK
DIVIDER
REG: 0x6F
BITS 1-0
Figure 3. Clock Path Control on the ADC
Programmable Gain Amplifier (PGA)
The input of the record channel features a PGA which converts
the single-ended signal to a differential signal which is applied
to the analog sigma-delta modulator of the ADC. The PGA can
be programmed to amplify a signal by up to 24dB in 0.5dB
increments. Figure 4 details the structure of the PGA circuit.
4k
Ω
4- 64 k
Ω
125
Ω
125
Ω
To
Modulator
CAPxN
CAPxP
External
Capacitor
(1nF NPO)
External
Capacitor
(1nF NPO)
External
Capacitor
(1nF NPO)
8k
Ω
8k
Ω
VREF
Figure 4. PGA Block Diagram
Analog Sigma Delta Modulator
The ADC features a 2nd order, multi-bit, Sigma-Delta modulator.
The input features two integrators in cascade followed by a flash
converter. This multi-bit output is directed to a scrambler,
followed by a DAC for loop feedback. The Flash ADC output is
also converted from "thermometer" coding to "binary" coding
for input as a 5-bit word to the decimator. Figure 5 shows the
ADC block diagram.
The ADC also features independent digital volume control for
the left and right channels. The volume control consists of 256
linear steps with each step reducing the digital output codes by
0.39%. Each channel also has a peak detector which records the
peak level of the input signal. The peak detector register is
cleared by reading it.
ADC MODCLK
MULTI-BIT
SIGMA-DELTA
MODULATOR
DECIMATOR
VOLUME
CONTROL
PEAK
DETECT
HPF
HALFBAND
FILTER
SINC^5
HALFBAND
FILTER
ADC MCLK/2
(TYP 6.144MHz)
384kHz
768kHz
192kHz
384kHz
SINC
COMPENSATION
96kHz
192kHz
48kHz
96kHz
801-0003
Figure 5. ADC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com