| Electronic Components Datasheet Search |
|
ADAV802 Datasheet(PDF) 38 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV802 Datasheet(HTML) 38 Page - Analog Devices |
|
38 / 53 page ![]() ADAV802 Preliminary Technical Data Rev. Pr G | Page 38 of 53 Table 51. Sample Rate Converter Error Mask Register RES RES RES RES RES OVRL Mask OVRR Mask MUTE_IND MASK 7 6 5 4 3 2 1 0 ADDRESS = 0011011 OVRL Mask Masks the OVRL from generating an interrupt 0 = The OVRL bit will not generate an interrupt 1 = The OVRL bit will generate an interrupt OVRR Mask Masks the OVRR from generating an interrupt 0 = The OVRR bit will not generate an interrupt 1 = The OVRR bit will generate an interrupt Reserved MUTE_IND MASK Masks the MUTE_IND from generating an interrupt 0 = The MUTE_IND bit will not generate an interrupt 1 = The MUTE_IND bit will generate an interrupt Table 52. Interrupt Status Register SRC TxCST- TxUB- TxCS- RxCS- RxUB- RxCS- Rx- Error INT INT INT DIFF INT BINT ERROR 7 6 5 4 3 2 1 0 ADDRESS = 0011100 SRCERROR This bit will be set if one of the sample rate converter interrupts is asserted, and the host should immediately read the Sample Rate Converter Error register. This bit will remain high until the Interrupt Status register is read TxCSTINT This bit will be set if a write to the transmitter channel status buffer was made while transmitter channel status bits were being copied from transmitter CS buffer to SPDIF Transmit buffer TxUBINT This bit will be set if the SPDIF Transmit buffer is empty. This bit will remain high until the Interrupt Status register is read. TxCSINT This bit will be set if the transmitter channel status bit buffer has transmitted its block of channel status. This bit will remain high until the Interrupt Status register is read RxCSDIFF This bit will be set if the receiver Channel Status A block is different from the receiver Channel Status B clock. This bit will remain high until read but does not generate an interupt RxUBINT This bit will be set if the Receiver User bit buffer has a new block or message. This bit will remain high until the Interrupt Status register is read. RxCSBINT This bit will be set if a new block of channel status is read when RxBCONF3 = 0 or if the channel status has changed when RxBCONF3 = 1. This bit will remain high until the Interrupt Status register is read. RxERROR This bit will be set if one of the AES3/SPDIF receiver interrupts is asserted and the host should immediately read the Receiver Error register. This bit will remain high until the Interrupt Status register is read. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |