Electronic Components Datasheet Search
  English  ▼

X  

ADAV802 Datasheet(PDF) 48 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 44Page - Analog Devices ADAV802_15 Datasheet HTML 45Page - Analog Devices ADAV802_15 Datasheet HTML 46Page - Analog Devices ADAV802_15 Datasheet HTML 47Page - Analog Devices ADAV802_15 Datasheet HTML 48Page - Analog Devices ADAV802_15 Datasheet HTML 49Page - Analog Devices ADAV802_15 Datasheet HTML 50Page - Analog Devices ADAV802_15 Datasheet HTML 51Page - Analog Devices ADAV802_15 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
ADAV802
Preliminary Technical Data
Rev. Pr G | Page 48 of 53
Table 83. PLL Control Register 2
FS2-1
FS2-1
SEL2
DOUB2
FS1-1
FS1-0
SEL1
DOUB1
7
6
5
4
3
2
1
0
ADDRESS = 1110101
FS2_1-0
Sample Rate Select for PLL2
00 = 48 kHz
01 = Reserved
10 = 32 kHz
11 = 44.1 kHz
SEL2
Oversample Ratio Select for PLL2
0 = 256 × fS
1 = 384 × fS
DOUB2
Double Selected Sample Rate on PLL2
0 = Disabled
1 = Enabled
FS1-0
Sample Rate Select for PLL1
00 = 48 kHz
01 = Reserved
10 = 32 kHz
11 = 44.1 kHz
SEL1
Oversample Ratio Select for PLL1
0 = 256 × fS
1 = 384 × fS
DOUB1
Double Selected Sample Rate on PLL1
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com