Electronic Components Datasheet Search
  English  ▼

X  

ADAV802 Datasheet(PDF) 7 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 3Page - Analog Devices ADAV802_15 Datasheet HTML 4Page - Analog Devices ADAV802_15 Datasheet HTML 5Page - Analog Devices ADAV802_15 Datasheet HTML 6Page - Analog Devices ADAV802_15 Datasheet HTML 7Page - Analog Devices ADAV802_15 Datasheet HTML 8Page - Analog Devices ADAV802_15 Datasheet HTML 9Page - Analog Devices ADAV802_15 Datasheet HTML 10Page - Analog Devices ADAV802_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
Preliminary Technical Data
ADAV802
Rev. Pr G | Page 7 of 53
TIMING SPECIFICATIONS
Table 15.
Parameter
Min
Max
Unit
Comments
MASTER CLOCK AND RESET
fMCLK
MCLKI Frequency
24.576
MHz
fXIN
XIN Frequency
54
MHz
tRESET
RESET Low
20
ns
I2C PORT
fSCL
SCL Clock Frequency
400
kHz
tSCLH
SCL High
0.6
µS
tSCLL
SCL Low
1.3
µS
Start Condition -
tSCS
Setup Time
0.6
µS
Relevant for Repeated Start
Condition
tSCH
Hold Time
0.6
µS
After this period the 1st clock is
generated
tDS
Data Setup Time
100
ns
tSCR
SCL Rise Time
300
ns
tSCF
SCL Fall Time
300
ns
tSDR
SDA Rise Time
300
ns
tSDF
SDA Fall Time
300
ns
Stop Condition
tSCS
Setup Time
0.6
µS
SERIAL PORTS1
Slave Mode
tSBH
xBCLK High
40
ns
tSBL
xBCLK Low
40
ns
fSBF
xBCLK Frequency
64 × fS
tSLS
xLRCLK Setup
10
ns
To xBCLK Rising Edge
tSLH
xLRCLK Hold
10
ns
From xBCLK Rising Edge
tSDS
xSDATA Setup
10
ns
To xBCLK Rising Edge
tSDH
xSDATA Hold
10
ns
From xBCLK Rising Edge
tSDD
xSDATA Delay
10
ns
From xBCLK Falling Edge
Master Mode
tMLD
xLRCLK Delay
5
ns
From xBCLK Falling Edge
tMDD
xSDATA Delay
10
ns
From xBCLK Falling Edge
tMDS
xSDATA Setup
10
ns
From xBCLK Rising Edge
tMDH
xSDATA Hold
10
ns
From xBCLK Rising Edge
1 The prefix x refers to I-, O-, IAUX- or OAUX- for the full pin name
Table 16. Temperature Range
Min
Typ
Max
Units
Specifications Guaranteed
25
°C
Functionality Guaranteed
−40
85
°C
Storage
−65
150
°C
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com