| Electronic Components Datasheet Search |
|
ADAV802 Datasheet(PDF) 37 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV802 Datasheet(HTML) 37 Page - Analog Devices |
|
37 / 53 page ![]() Preliminary Technical Data ADAV802 Rev. Pr G | Page 37 of 53 Table 49. Receiver Error Mask Register NonAudio CRC BiPhase/ RxValidity Emphasis Nonaudio Preamble Error Nostream Parity Lock Mask Mask Mask Mask Mask Mask Mask Mask 7 6 5 4 3 2 1 0 ADDRESS = 0011001 RxValidity Mask Masks the RxValidity bit from generating an interrupt 0= The RxValidity bit will not generate an interrupt 1 = The RxVvalidity bit will generate and interrupt Emphasis Mask Masks the Emphasis bit from generating an interrupt 0 = The Emphasis bit will not generate an interrupt 1 = The Emphasis bit will generate and interrupt NonAudio Mask Masks the NonAudio bit from generating an interrupt 0 = The NonAudio bit will not generate an interrupt 1 = The NonAudio bit will generate and interrupt NonAudioPreamble Mask Masks the NonAudio Preamble bit from generating an interrupt 0 = The NonAudio Preamble bit will not generate an interrupt 1 = The NonAudio Preamble bit will generate and interrupt CRCError Mask Masks the CRC Error bit from generating an interrupt 0 = The CRC Error bit will not generate an interrupt 1 = The CRC Error bit will generate and interrupt NoStream Mask Masks the NoStream bit from generating an interrupt 0 = The NoStream bit will not generate an interrupt 1 = The NoStream bit will generate an interrupt BiPhase/Parity Mask Masks the BiPhase/Parity bit from generating an interrupt 0 = The BiPhase/Parity bit will not generate an interrupt 1 = The BiPhase/Parity bit will generate an interrupt Lock Mask Masks the Lock bit from generating an interrupt 0 = The Lock bit will not generate an interrupt 1 = The Lock bit will generate an interrupt Table 50. Sample Rate Converter Error Register (Read Only) RES RES RES RES TOO_SLOW OVRL OVRR MUTE_IND 7 6 5 4 3 2 1 0 ADDRESS = 0011010 TOO_SLOW This bit is set when the clock to the SRC is too slow, i.e. there are not enough clock cycles to complete the internal convolution. OVRL This bit will be set when the Left Output Data of the sample rate converter has gone over the full-scale range and has been clipped. This bit will not be cleared until the register is read. OVRR This bit will be set when the Right Output Data of the sample rate converter has gone over the full-scale range and has been clipped. This bit will not be cleared until the register is read. MUTE_IND Mute Indicated. This bit is set when the SRC is in Fast Mode and clicks or pops may be heard in the SRC output data. The output of the SRC can be muted, if required, until the SRC is in Slow Mode. Once read this bit will remain in its state and not generate an interrupt until it has changed state. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |