Electronic Components Datasheet Search
  English  ▼

X  

ADAV802 Datasheet(PDF) 41 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 37Page - Analog Devices ADAV802_15 Datasheet HTML 38Page - Analog Devices ADAV802_15 Datasheet HTML 39Page - Analog Devices ADAV802_15 Datasheet HTML 40Page - Analog Devices ADAV802_15 Datasheet HTML 41Page - Analog Devices ADAV802_15 Datasheet HTML 42Page - Analog Devices ADAV802_15 Datasheet HTML 43Page - Analog Devices ADAV802_15 Datasheet HTML 44Page - Analog Devices ADAV802_15 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
Preliminary Technical Data
ADAV802
Rev. Pr G | Page 41 of 53
Table 61. Transmitter User Bit Buffer Data Register
TxUBDATA07-TxUBDATA00
7,6,5,4,3,2,1,0
ADDRESS = 1010011
TxUBDATA07-00
A write to this register will write 8 bits of user data to the Transmit User bit buffer pointed to by TxUBADDR7-0.
When User Bit autobuffering is enabled this buffer is disabled.
Table 62. Q Subcode CRC Error Status Register (Read Only)
RES
RES
RES
RES
RES
RES
QCRCERROR
QSUB
7
6
5
4
3
2
1
0
ADDRESS = 1010100
QCRCERROR
This bit will be set if the CRC check of the Q Subcode fails. This bit will remain high but will not generate an interrupt. This
bit will be cleared once the register is read.
QSUB
This bit will be set if a Q subcode has been read into the Q subcode buffer
Table 63. Q Subcode Buffe
ADDRESS
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
0x55
Address
Address
Address
Address
Control
Control
Control
Control
0x56
Track
Number
Track
Number
Track
Number
Track
Number
Track
Number
Track
Number
Track
Number
Track
Number
0x57
Index
Index
Index
Index
Index
Index
Index
Index
0x58
Minute
Minute
Minute
Minute
Minute
Minute
Minute
Minute
0x59
Second
Second
Second
Second
Second
Second
Second
Second
0x5A
Frame
Frame
Frame
Frame
Frame
Frame
Frame
Frame
0x5B
Zero
Zero
Zero
Zero
Zero
Zero
Zero
Zero
0x5C
Absolute
Minute
Absolute
Minute
Absolute
Minute
Absolute
Minute
Absolute
Minute
Absolute
Minute
Absolute
Minute
Absolute
Minute
0x5D
Absolute
Second
Absolute
Second
Absolute
Second
Absolute
Second
Absolute
Second
Absolute
Second
Absolute
Second
Absolute
Second
0x5E
Absolute
Frame
Absolute
Frame
Absolute
Frame
Absolute
Frame
Absolute
Frame
Absolute
Frame
Absolute
Frame
Absolute
Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com