Electronic Components Datasheet Search
  English  ▼

X  

ADAV802 Datasheet(PDF) 10 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 6Page - Analog Devices ADAV802_15 Datasheet HTML 7Page - Analog Devices ADAV802_15 Datasheet HTML 8Page - Analog Devices ADAV802_15 Datasheet HTML 9Page - Analog Devices ADAV802_15 Datasheet HTML 10Page - Analog Devices ADAV802_15 Datasheet HTML 11Page - Analog Devices ADAV802_15 Datasheet HTML 12Page - Analog Devices ADAV802_15 Datasheet HTML 13Page - Analog Devices ADAV802_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
ADAV802
Preliminary Technical Data
Rev. Pr G | Page 10 of 53
Pin
Number
Input/Output
Mnemonic
Description
23
INPUT
DIRIN
Input to Digital Input Receiver (S/PDIF)
24
ODVDD
Interface Digital Voltage Supply
25
ODGND
Interface Digital Ground
26
OUTPUT
DITOUT
S/PDIF Output from DIT
27
INPUT/OUTPUT
OAUXLRCLK
Sampling Clock (LRCLK) of Auxiliary Digital Output Port
28
INPUT/OUTPUT
OAUXBCLK
Serial Clock (BCLK) of Auxiliary Digital Output Port
29
OUTPUT
OAUXSDATA
Data Output of Auxiliary Digital Output Port
30
INPUT/OUTPUT
IAUXLRCLK
Sampling Clock (LRCLK) of Auxiliary Digital Input Port
31
INPUT/OUTPUT
IAUXBCLK
Serial (BCLK) of Auxiliary Digital Input Port
32
INPUT
IAUXSDATA
Data Input of Auxiliary Digital Input Port
33
DGND
Digital Ground
34
DVDD
Digital Supply Voltage
35
INPUT
MCLKI
External MCLK Input
36
OUTPUT
MCLKO
Oscillator Output
37
INPUT
XOUT
Crystal Input
38
INPUT
XIN
Crystal or External MCLK Input
39
OUTPUT
SYSCLK3
System Clock 3 (from PLL 2)
40
OUTPUT
SYSCLK2
System Clock 2 (from PLL 2)
41
OUTPUT
SYSCLK1
System Clock 1 (from PLL 1)
42
DGND
Digital Ground
43
PLL_VDD
Supply for PLL Analog Section. This pin should be connected to AVDD
44
PLL_GND
Ground for PLL Analog Section. This pin should be connected to AGND
45
PLL_LF1
Loop Filter for PLL1
46
PLL_LF2
Loop Filter for PLL2
47
ADGND
Analog Ground (Mixed Signal)
48
ADVDD
Analog Voltage Supply (Mixed Signal). This pin should be connected to AVDD
49
OUTPUT
VOUTRP
Right Channel Differential Analog Output (Positive)
50
OUTPUT
VOUTRN
Right Channel Differential Analog Output (Negative)
51
OUTPUT
VOUTLP
Left Channel Differential Analog Output (Positive)
52
OUTPUT
VOUTLN
Left Channel Differential Analog Output (Negative)
53
AVDD
Analog Voltage Supply
54
AGND
Analog Ground
55
FILTD
Output DAC Reference Decoupling
56
AGND
Analog Ground
57
VREF
Voltage Reference Voltage
58
AGND
Analog Ground
59
AVDD
Analog Voltage Supply
60
CAPRN
ADC Modulator Input Filter Capacitor (Right Channel - Negative)
61
CAPRP
ADC Modulator Input Filter Capacitor (Right Channel - Positive)
62
AGND
Analog Ground
63
CAPLP
ADC Modulator Input Filter Capacitor (Left Channel - Positive)
64
CAPLN
ADC Modulator Input Filter Capacitor (Left Channel - Negative)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com