Electronic Components Datasheet Search
  English  ▼

X  

ADAV802 Datasheet(PDF) 25 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 21Page - Analog Devices ADAV802_15 Datasheet HTML 22Page - Analog Devices ADAV802_15 Datasheet HTML 23Page - Analog Devices ADAV802_15 Datasheet HTML 24Page - Analog Devices ADAV802_15 Datasheet HTML 25Page - Analog Devices ADAV802_15 Datasheet HTML 26Page - Analog Devices ADAV802_15 Datasheet HTML 27Page - Analog Devices ADAV802_15 Datasheet HTML 28Page - Analog Devices ADAV802_15 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
Preliminary Technical Data
ADAV802
Rev. Pr G | Page 25 of 53
Table 25. ZEROL/INT Pin Functionality
INTRPT
Pin Functionality
0
The pin functions as a ZEROL flag pin
1
The pin functions as an interrupt pin
SERIAL DATA PORTS
The ADAV802 contains four flexible serial ports (SPORTs) to
allow data transfer to and from the codec. All four SPORTs are
independent and can be configured as master or slave ports. In
Slave Mode the xLRCLK and xBCLK signals are inputs to the
serial ports. In Master Mode, the serial port generates the
xLRCLK and xBCLK signals. The master clock for the SPORT
can be selected from a number of sources, as shown in Figure 34
and care should be taken to ensure that the clock rate is
appropriate for whatever block is connected to the serial port.
For example if the ADC is running from the MCLKI input at
256 × fS then the master clock for the SPORT should also run
run from the MCLKI input to ensure that the ADC and serial
port are synchronised.. The SPORTs can be set to transmit or
receive data in I2S, Left Justified or Right Justified formats with
different word lengths by programming the appropriate bits in
the Playback, Auxiliary Input Port, Record and Auxiliary Output
Port Control Registers. Figure 33 shows a timing diagram of the
serial data port formats.
CLOCKING SCHEME
The ADAV802 provides a flexible choice of on-chip and off-
chip clocking sources. The on-chip oscillator with dual-PLLs is
intended to offer complete system clocking requirements for
use with available MPEG encoders, decoders or combination
codecs. The oscillator function is designed for generation of a
27 MHz video clock from a 27 MHz crystal connected between
XIN and XOUT pins. Capacitors are also required to be
connected between these pins and DGND as shown in Figure
15. The capacitor values should be specified by the crystal
manufacturer. A square-wave version of the crystal clock is
output on the MCLKO pin. If the system has 27MHz clock
available this can be connected directly to the XIN pin.
DATA PATH
The ADAV802 features a Digital Input/Output
switching/multiplexing matrix which gives flexibility to the
range of possible Input and Output connections. Digital Input
ports include Playback and Auxiliary Input - both 3-wire digital
- and S/PDIF (single wire to the on-chip receiver). Output ports
include the Record and Auxiliary Output ports - both 3-wire
digital - and the S/PDIF port (single wire from the on-chip
transmitter). Internally the DIR and DIT are interfaced via 3-
wire interfaces. The data path for each input and output port is
selected by programming Datapath Control Registers 1 and 2.
Figure 35 shows the internal data path structure of the
ADAV802.
LRCLK
BCLK
SDATA
LRCLK
BCLK
SDATA
LRCLK
BCLK
SDATA
LEFT CHANNEL
RIGHT CHANNEL
LEFT CHANNEL
RIGHT CHANNEL
LEFT CHANNEL
RIGHT CHANNEL
MSB
MSB
MSB
MSB
MSB
MSB
LSB
LSB
LSB
LSB
LSB
LSB
LEFT-JUSTIFIED MODE - 16 BITS TO 24 BITS PER CHANNEL
I2S MODE - 16 BITS TO 24 BITS PER CHANNEL
RIGHT-JUSTIFIED MODE - SELECT NUMBER OF BITS PER CHANNEL
Figure 33. Serial Data Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com