Electronic Components Datasheet Search
  English  ▼

X  

ADAV802 Datasheet(PDF) 51 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 45Page - Analog Devices ADAV802_15 Datasheet HTML 46Page - Analog Devices ADAV802_15 Datasheet HTML 47Page - Analog Devices ADAV802_15 Datasheet HTML 48Page - Analog Devices ADAV802_15 Datasheet HTML 49Page - Analog Devices ADAV802_15 Datasheet HTML 50Page - Analog Devices ADAV802_15 Datasheet HTML 51Page - Analog Devices ADAV802_15 Datasheet HTML 52Page - Analog Devices ADAV802_15 Datasheet HTML 53Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
Preliminary Technical Data
ADAV802
Rev. Pr G | Page 51 of 53
Table 88. ALC Control Register 1
FSSEL1-0
GAINCNTR1-0
RECMODE1-0
LIMDET
ALCEN
7,6
5,4
3,2
1
0
ADDRESS = 1111011
Default = 0x00
These bits should equal the sample rate of the ADC
FSSEL1-0
00 = 96 kHz
01 = 48 kHz
10 = 32 kHz
11 = Reserved
These bits determine the limit of the counter used in Limited Recovery Mode
GAINCNTR1-0
00 = 3
01 = 7
10 = 15
11 = 31
RECMODE1-0
These bits determine which recovery mode is used by the ALC section
00 = No Recovery
01 = Normal Recovery
10 = Limited Recovery
11 = Reserved
LIMDET
Limit Detect Mode
0 = ALC is used when either channel exceeds the set limit
1 = ALC is used only when both channels exceed the set limit
ALCEN
ALC Enable
0 = Disable ALC
1 = Enable ALC
Table 89. ALC Control Register 2
RES
RECTH1-0
ATKTH1-0
RECTIME1-0 ATKTIME
7
6,5
4,3
2,1
0
ADDRESS = 1111100
Default = 0x52
RECTH1-0
Recovery Threshold
00 = -2 dB
01 = -3 dB
10 = -4 dB
11 = -6 dB
ATKTH1-0
Attack Theshold
00 = 0 dB
01 = -1 dB
10 = -2 dB
11 = -4 dB
RECTIME1-0
Recovery Time Selection
00 = 32 ms
01 = 64 ms
10 = 128 ms
11 = 256 ms
ATKTIME
Attack Timer Selection
0 = 1 ms
1 = 4 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com