Electronic Components Datasheet Search
  English  ▼

X  

ADAV802 Datasheet(PDF) 11 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 7Page - Analog Devices ADAV802_15 Datasheet HTML 8Page - Analog Devices ADAV802_15 Datasheet HTML 9Page - Analog Devices ADAV802_15 Datasheet HTML 10Page - Analog Devices ADAV802_15 Datasheet HTML 11Page - Analog Devices ADAV802_15 Datasheet HTML 12Page - Analog Devices ADAV802_15 Datasheet HTML 13Page - Analog Devices ADAV802_15 Datasheet HTML 14Page - Analog Devices ADAV802_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
Preliminary Technical Data
ADAV802
Rev. Pr G | Page 11 of 53
(continued from Page 1)
Operation of the ADAV802 is controlled via an SPI compatible
serial interface which allows individual Control Register
settings to be programmed. The ADAV802 operates from a
single analog +3.3 V power supply - and a digital power supply
of +3.3 V with optional digital interface range of 3.0 V to +3.6 V.
It is housed in a 64-lead LQFP package and is characterized for
operation over the commercial temperature range −40°C to
85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com