Electronic Components Datasheet Search
  English  ▼

X  

ADAV802 Datasheet(PDF) 14 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 10Page - Analog Devices ADAV802_15 Datasheet HTML 11Page - Analog Devices ADAV802_15 Datasheet HTML 12Page - Analog Devices ADAV802_15 Datasheet HTML 13Page - Analog Devices ADAV802_15 Datasheet HTML 14Page - Analog Devices ADAV802_15 Datasheet HTML 15Page - Analog Devices ADAV802_15 Datasheet HTML 16Page - Analog Devices ADAV802_15 Datasheet HTML 17Page - Analog Devices ADAV802_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
ADAV802
Preliminary Technical Data
Rev. Pr G | Page 14 of 53
Recovery and Normal Recovery Modes. If the output level of
the ADC exceeds the Attack Threshold then Attack Mode is
initiated. When Attack Mode has reduced the PGA gain to
suitable levels the ALC will attempt to recovery the gain to its
original level. If the ADC output level exceeds the level set by
the Recovery Threshold bits a counter is incremented
(GAINCNTR). This counter is incremented, at intervals equal
to the Recovery Time selection, if the ADC has any excursion
above the Recovery Threshold. If the counter reaches its
maximum value, determined by the GAINCNTR bits in ALC
Control Register 1, the PGA gain is deemed suitable and no
further gain recovery is attempted. If, at any time, the ADC
output level exceeds the Attack Threshold, Attack Mode is
reinitiated and the counter is reset
WAIT FOR SAMPLE
IS SAMPLE
GREATER THAN ATTACK
THRESHOLD?
NO
DECREASE GAIN BY 0.5dB
AND WAIT ATTACK TIME
YES
IS A RECOVERY
MODE ENABLED?
YES
NO
NORMAL RECOVERY
IS SAMPLE
BELOW RECOVERY
THRESHOLD?
WAIT FOR SAMPLE
WAIT
RECOVERY
TIME
NO
INCREASE GAIN BY 0.5dB
WAIT RECOVERY TIME
HAS GAIN BEEN
FULLY RESTORED?
YES
NO
YES
IS SAMPLE
BELOW RECOVERY
THRESHOLD?
WAIT FOR SAMPLE
WAIT
RECOVERY
TIME
NO
INCREASE GAIN BY 0.5dB
WAIT RECOVERY TIME
HAS GAIN BEEN
FULLY RESTORED?
YES
NO
YES
INCREMENT
GAINCNTR
IS GAINCNTR
AT MAXIMUM?
NO
YES
LIMITED RECOVERY
IS SAMPLE
ABOVE ATTACK
THRESHOLD?
NO
IS SAMPLE
ABOVE ATTACK
THRESHOLD?
NO
ATTACK MODE
Figure 6. ALC Flow Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com