| Electronic Components Datasheet Search |
|
ADAV802 Datasheet(PDF) 26 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV802 Datasheet(HTML) 26 Page - Analog Devices |
|
26 / 53 page ![]() ADAV802 Preliminary Technical Data Rev. Pr G | Page 26 of 53 PLLINT1 PLLINT2 ICLK1 MCLKI XIN ICLK2 REG: 0x76 BITS 4-2 DIR PLL (512 × fS) DIR PLL (256 × fS) PLLINT1 PLLINT2 MCLKI XIN ADC MCLK OUTPUT PORT OLRCLK OBCLK OSDATA DIR PLL (512 × fS) DIR PLL (256 × fS) PLLINT1 PLLINT2 MCLKI XIN REG: 0x76 BITS 7-5 DAC MCLK REG: 0x77 BITS 4-3 REG: 0x76 BITS 1-0 DIR PLL (512 × fS) DIR PLL (256 × fS) REG: 0x00 BIT 1-0 SRC MCLK INPUT PORT ILRCLK IBCLK ISDATA ICLK1 ICLK2 PLL CLOCK REG:0X04 BITS 4-3 ICLK1 ICLK2 REG:0x06 BITS 4-3 PLL CLOCK MCLKI XIN PLLINT1 PLLINT2 Figure 34. Sport Clocking Scheme ADC SRC DAC PLAYBACK DATA INPUT AUX DATA INPUT DIR DIT AUX DATA OUTPUT RECORD DATA OUTPUT CONTROL REGISTERS REFERENCE OSCILLATOR PLL Figure 35. Data Path INTERFACE CONTROL The ADAV802 has a dedicated control port to allow the internal registers of the ADAV802 to be accessed. Each of the internal registers is 8 bits wide. Where bits are described as reserved (RES) these bits should be programmed as zero. SPI Interface Control of the ADAV802 is via an SPI compatible serial port. The SPI control port is a 4 wire serial control port with one cycle of data transfer consisting of 16 bits. Figure 36 shows the format of an SPI write/read of the ADAV802. The transfer of data is initiated on the falling edge of CLATCH. The data presented on the first 7 CCLKs represents the register address required to be written to or read from. The 8th bit of data is a Read/Write bit. If this bit is low the following 8 bits of data will be loaded to register address provided. If this bit is high a read operation is indicated. The contents of the register address will be clocked out on the COUT pin on the following 8 CCLKs. For a read operation the data bits after the Read/Write bits are ignored. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |