Electronic Components Datasheet Search
  English  ▼

X  

ADAV802 Datasheet(PDF) 53 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 45Page - Analog Devices ADAV802_15 Datasheet HTML 46Page - Analog Devices ADAV802_15 Datasheet HTML 47Page - Analog Devices ADAV802_15 Datasheet HTML 48Page - Analog Devices ADAV802_15 Datasheet HTML 49Page - Analog Devices ADAV802_15 Datasheet HTML 50Page - Analog Devices ADAV802_15 Datasheet HTML 51Page - Analog Devices ADAV802_15 Datasheet HTML 52Page - Analog Devices ADAV802_15 Datasheet HTML 53Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 53 page
background image
Preliminary Technical Data
ADAV802
Rev. Pr G | Page 53 of 53
OUTLINE DIMENSIONS
Figure 41. 64-Lead Plastic Quad Flatpack [LQFP]
(ST-64)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model
Temperature Range
Control Interface
DAC Outputs
Package Options
ADAV802AST
−40°C to +85°C
SPI
Differential
ST-64
© 2003 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR04757-0-3/04(PrG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com