Electronic Components Datasheet Search
  English  ▼

X  

ADAV802 Datasheet(PDF) 36 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 32Page - Analog Devices ADAV802_15 Datasheet HTML 33Page - Analog Devices ADAV802_15 Datasheet HTML 34Page - Analog Devices ADAV802_15 Datasheet HTML 35Page - Analog Devices ADAV802_15 Datasheet HTML 36Page - Analog Devices ADAV802_15 Datasheet HTML 37Page - Analog Devices ADAV802_15 Datasheet HTML 38Page - Analog Devices ADAV802_15 Datasheet HTML 39Page - Analog Devices ADAV802_15 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
ADAV802
Preliminary Technical Data
Rev. Pr G | Page 36 of 53
Table 46. Preamble-D MSB Register (Read Only)
PRE_D15-PRE_D08
7,6,5,4,3,2,1,0
ADDRESS = 0010110
PRE_D15-08
The eight most significant bits of the sixteen bit Preamble-D when Nonaudio data is detected according to the
IEC60937 standard, otherwise bits show zeros. When subframe Nonaudio is used this becomes the 8 most
significant bits of the 16 bit Preamble-C of Channel B
Table 47. Preamble-D LSB Register (Read Only)
PRE_D07-PRE_D00
7,6,5,4,3,2,1,0
ADDRESS = 0010111
PRE_D07-00
The eight least significant bits of the sixteen bit Preamble-D when Nonaudio data is detected according to
the IEC60937 standard, otherwise bits show zeros When subframe Nonaudio is used this becomes the 8 most
significant bits of the 16 bit Preamble-C of Channel B
Table 48. Receiver Error Register (Read Only)
Non-
NonAudio
CRC-
No-
BiPhase/
RxValidity
Emphasis
Audio
Preamble
Error
Stream
Parity
Lock
7
6
5
4
3
2
1
0
ADDRESS = 0011000
RxValidity
This is the VALIDITY bit in the AES3 Received stream
Emphasis
This bit will be set if the audio data is preemphasized. Once it has been read it will remain high and
not generate an interrupt unless it changes state
NonAudio
This bit will be set when Channel Status Bit 1 (Nonaudio) is set. Once it has been read it will not
generate another interrupt unless the data becomes audio or the type of nonaudio data changes
NonAudio Preamble
This bit will be set if the audio data is nonaudio due to the detection of a Preamble. The NonAudio
Preamble Type register will indicate what type of preamble was detected. Once read it will remain
in its state and not generate an interrupt unless it has changed state
CRCError
This bit is the error flag for the channel status CRC error check. This bit will not clear until the
Receiver Error Register is read
NoStream
This bit will be set if there is no AES3/SPDIF stream present at the AES3/SPDIF receiver. Once read it
will remain high and not generate an interrupt unless its changes state.
BiPhase/Parity
This bit will be set if a biphase or parity error occurred in the AES3/SPDIF stream. This bit will not be
cleared until the register is read.
Lock
This bit will be set if the PLL has locked or cleared when the PLL loses lock. Once read it will remain
in its state and not generate an interrupt unless it has changed state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com