Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 26Page - Texas Instruments TPS54341_15 Datasheet HTML 27Page - Texas Instruments TPS54341_15 Datasheet HTML 28Page - Texas Instruments TPS54341_15 Datasheet HTML 29Page - Texas Instruments TPS54341_15 Datasheet HTML 30Page - Texas Instruments TPS54341_15 Datasheet HTML 31Page - Texas Instruments TPS54341_15 Datasheet HTML 32Page - Texas Instruments TPS54341_15 Datasheet HTML 33Page - Texas Instruments TPS54341_15 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
f
´
´
D
=
=
=
´
m
´
OUT
IN
IN
SW
I
0.25
3.5 A
0.25
V
331 mV
C
4.4
F
600 kHz
(
)
(
)
(
)
(
)
(
)
(
)
-
=
=
´
=
OUT
IN min
OUT
OUT
CI rms
IN min
IN min
V
V
6 V - 3.3 V
V
3.3 V
I
I
x
x
3.5 A
1.74 A
V
V
6 V
6 V
TPS54341
SLVSC61 – NOVEMBER 2013
www.ti.com
Input Capacitor
The TPS54341 device requires a high-quality ceramic-type X5R or X7R input-decoupling capacitor with at least 3
μF of effective capacitance. Some applications will benefit from additional bulk capacitance. The effective
capacitance includes any loss of capacitance due to dc bias effects. The voltage rating of the input capacitor
must be greater than the maximum input voltage. The capacitor must also have a ripple current rating greater
than the maximum input current ripple of the TPS54341 device. The input ripple current can be calculated using
Equation 41.
The value of a ceramic capacitor varies significantly with temperature and the dc bias applied to the capacitor.
The capacitance variations due to temperature can be minimized by selecting a dielectric material that is more
stable over temperature. X5R and X7R ceramic dielectrics are usually selected for switching regulator capacitors
because they have a high capacitance to volume ratio and are fairly stable over temperature. The input capacitor
must also be selected with consideration for the dc bias. The effective value of a capacitor decreases as the dc
bias across a capacitor increases.
For this example design, a ceramic capacitor with at least a 42 V voltage rating is required to support the
maximum input voltage. Common standard ceramic capacitor voltage ratings include 4 V, 6.3 V, 10 V, 16 V, 25
V, 50 V, or 100 V. For this example, two 2.2-
μF 100-V capacitors in parallel are used. Table 1 shows several
choices of high voltage capacitors.
The input capacitance value determines the input ripple voltage of the regulator. The input voltage ripple can be
calculated using Equation 42. Using the design example values, IOUT = 3.5 A, CIN = 4.4 μF, ƒSW = 600 kHz, yields
an input voltage ripple of 331 mV and a rms input ripple current of 1.74 A.
(41)
(42)
Table 1. Capacitor Types
VENDOR
VALUE (
μF)
EIA Size
VOLTAGE (V)
DIALECTRIC
COMMENTS
1 to 2.2
100
1210
GRM32 series
1 to 4.7
50
Murata
1
100
1206
GRM31 series
1 to 2.2
50
1 to 1.8
50
2220
1 to 1.2
100
Vishay
VJ X7R series
1 to 3.9
50
2225
1 to 1.8
100
X7R
1 to 2.2
100
1812
C series C4532
1.5 to 6.8
50
TDK
1 to 2.2
100
1210
C series C3225
1 to 3.3
50
1 to 4.7
50
1210
1
100
AVX
X7R dielectric series
1 to 4.7
50
1812
1 to 2.2
100
30
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com