Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 14Page - Texas Instruments TPS54341_15 Datasheet HTML 15Page - Texas Instruments TPS54341_15 Datasheet HTML 16Page - Texas Instruments TPS54341_15 Datasheet HTML 17Page - Texas Instruments TPS54341_15 Datasheet HTML 18Page - Texas Instruments TPS54341_15 Datasheet HTML 19Page - Texas Instruments TPS54341_15 Datasheet HTML 20Page - Texas Instruments TPS54341_15 Datasheet HTML 21Page - Texas Instruments TPS54341_15 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
SW
1.008
101756
ƒ
(kHz)
RT (k )
=
W
0.991
SW
92 417
RT (k )
ƒ
(kHz)
W =
TPS54341
SLVSC61 – NOVEMBER 2013
www.ti.com
DETAILED DESCRIPTION (continued)
Figure 34. Ratiometric Startup With Tracking
Figure 35. Ratiometric Startup With Tracking
Resistors
Resistors
Figure 36. Simultaneous Startup With Tracking Resistor
Constant Switching Frequency and Timing Resistor (RT/CLK) Pin)
The switching frequency of the TPS54341 device is adjustable over a wide range from 100 to 2500 kHz by
placing a resistor between the RT/CLK pin and GND pin. The RT/CLK pin voltage is typically 0.5 V and must
have a resistor to ground to set the switching frequency. To determine the timing resistance for a given switching
frequency, use Equation 10 or Equation 11 or the curves in Figure 5 and Figure 6. To reduce the solution size,
one typically sets the switching frequency as high as possible. Tradeoffs of the conversion efficiency, maximum
input voltage, and minimum controllable on time must be considered. The minimum controllable on time is
typically 135 ns which limits the maximum operating frequency in applications with high input-to-output step-down
ratios. The maximum switching frequency is also limited by the frequency-foldback circuit. A more detailed
discussion of the maximum switching frequency is provided in the next section.
(10)
(11)
18
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com