Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 16Page - Texas Instruments TPS54341_15 Datasheet HTML 17Page - Texas Instruments TPS54341_15 Datasheet HTML 18Page - Texas Instruments TPS54341_15 Datasheet HTML 19Page - Texas Instruments TPS54341_15 Datasheet HTML 20Page - Texas Instruments TPS54341_15 Datasheet HTML 21Page - Texas Instruments TPS54341_15 Datasheet HTML 22Page - Texas Instruments TPS54341_15 Datasheet HTML 23Page - Texas Instruments TPS54341_15 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
( )
( )
CL
dc
d
OUT sc
DIV
SW(shift)
ON
IN
CL
d
DS on
I
R
V
V
t
V
I
R
V
æ
ö
´
+
+
ç
÷
=
´
ç
÷
-
´
+
è
ø
ƒ
ƒ
(
)
( )
O
dc
OUT
d
SW max skip
ON
IN
O
d
DS on
I
R
V
V
1
t
V
I
R
V
æ
ö
´
+
+
ç
÷
=
´
ç
÷
-
´
+
è
ø
ƒ
TPS54341
SLVSC61 – NOVEMBER 2013
www.ti.com
DETAILED DESCRIPTION (continued)
(12)
(13)
where (for Equation 12 and Equation 13)
•
IO = output current
•
ICL = current limit
•
Rdc = inductor resistance
•
VIN = maximum input voltage
•
VOUT = output voltage
•
VOUT(SC) = output voltage during short
•
Vd = diode voltage drop
•
RDS(on) = switch on resistance
•
tON = controllable on time
•
ƒDIV, frequency divide equals (1, 2, 4, or 8)
Synchronization to RT/CLK Pin
The RT/CLK pin can receive a frequency synchronization signal from an external system clock. To implement
this synchronization feature connect a square wave to the RT/CLK pin through either circuit network shown in
Figure 38. The square wave applied to the RT/CLK pin must switch lower than 0.5 V and higher than 2 V, and
must have a pulsewidth greater than 15 ns. The synchronization frequency range is 160 to 2300 kHz. The rising
edge of the SW synchronizes to the falling edge of RT/CLK pin signal. Design the external synchronization circuit
such that the default-frequency set resistor connects from the RT/CLK pin to ground when the synchronization
signal is off. When using a low-impedance signal source, the frequency-set resistor connects in parallel with an
AC-coupling capacitor to a termination resistor (for example, 50
Ω) as shown in Figure 38. The two resistors in
the series provide the default frequency-setting resistance when the signal source is turned off. The sum of the
resistance sets the switching frequency close to the external CLK frequency. AC-coupling the synchronization
signal the synchronization signal through a 10-pF ceramic capacitor to RT/CLK pin is recommended.
The first time the RT/CLK pulls above the PLL threshold the TPS54341 device switches from the RT-resistor
free-running frequency mode to the PLL-synchronized mode. The internal 0.5-V voltage source is removed and
the RT/CLK pin becomes high impedance as the PLL begins to lock onto the external signal. The switching
frequency can be higher or lower than the frequency set with the RT/CLK resistor. The device transitions from
the resistor mode to the PLL mode and locks onto the external clock frequency within 78 µs. During the transition
from the PLL mode to the resistor-programmed mode, the switching frequency falls to 150 kHz and then
increases or decreases to the resistor-programmed frequency when the 0.5-V bias voltage is reapplied to the
RT/CLK resistor.
20
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com