Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 19Page - Texas Instruments TPS54341_15 Datasheet HTML 20Page - Texas Instruments TPS54341_15 Datasheet HTML 21Page - Texas Instruments TPS54341_15 Datasheet HTML 22Page - Texas Instruments TPS54341_15 Datasheet HTML 23Page - Texas Instruments TPS54341_15 Datasheet HTML 24Page - Texas Instruments TPS54341_15 Datasheet HTML 25Page - Texas Instruments TPS54341_15 Datasheet HTML 26Page - Texas Instruments TPS54341_15 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
VO
RESR
COUT
RL
VC
gmps
fp
fz
Adc
FB
COMP
VO
R1
R3
C1
C2
R2
CO
RO
gmea
350 mA/V
0.8 V
Power Stage
gm
12 A/V
ps
SW
RESR
COUT
RL
b
a
c
TPS54341
www.ti.com
SLVSC61 – NOVEMBER 2013
DETAILED DESCRIPTION (continued)
Figure 42. Small-Signal Model for Loop Response
Simple Small-Signal Model for Peak-Current-Mode Control
Figure 43 describes a simple small-signal model used to design the frequency compensation. The TPS54341
power stage is approximated by a voltage-controlled current source (duty-cycle modulator) supplying current to
the output capacitor and load resistor. The control to output transfer function is shown in Equation 14 and
consists of a DC gain, one dominant pole, and one equivalent-series-resistor (ESR) zero. The quotient of the
change in switch current and the change in COMP pin voltage (node c in Figure 42) is the power stage
transconductance, gmPS. The gmPS for the TPS54341 device is 16 A/V. The low-frequency gain of the power
stage is the product of the transconductance and the load resistance as shown in Equation 15.
As the load current increases and decreases, the low-frequency gain decreases and increases, respectively. This
variation with the load seems problematic at first glance, but fortunately the dominant pole moves with the load
current (see Equation 16). The combined effect is highlighted by the dashed line in the right half of Figure 43. As
the load current decreases, the gain increases and the pole frequency lowers, keeping the 0-dB crossover
frequency the same with varying load conditions. The type of output capacitor chosen determines whether the
ESR zero has a profound effect on the frequency compensation design. Using high-ESR aluminum-electrolytic
capacitors can reduce the number frequency compensation components required to stabilize the overall loop
because the phase margin increases by the ESR zero of the output capacitor (see FUNCTIONAL BLOCK
DIAGRAM).
Figure 43. Simple Small-Signal Model and Frequency Response for Peak-Current-Mode Control
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com