Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 36 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 32Page - Texas Instruments TPS54341_15 Datasheet HTML 33Page - Texas Instruments TPS54341_15 Datasheet HTML 34Page - Texas Instruments TPS54341_15 Datasheet HTML 35Page - Texas Instruments TPS54341_15 Datasheet HTML 36Page - Texas Instruments TPS54341_15 Datasheet HTML 37Page - Texas Instruments TPS54341_15 Datasheet HTML 38Page - Texas Instruments TPS54341_15 Datasheet HTML 39Page - Texas Instruments TPS54341_15 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
±0.10
±0.08
±0.06
±0.04
±0.02
0.00
0.02
0.04
0.06
0.08
0.10
0
1
2
3
4
Output Current (A)
C006
V
IN = 12 V
V
OUT = 3.3 V
f
sw = 600 kHz
10
100
1k
10k
100k
±180
±120
±60
0
60
120
180
±60
±40
±20
0
20
40
60
Frequency (Hz)
Gain (dB)
Phase (Deg)
C005
V
IN = 12 V
V
OUT = 3.3 V
I
OUT = 3.5 A
f
sw = 600 kHz
60
65
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output Current (A)
Vin = 7V
Vin = 12V
Vin = 24V
Vin = 36V
C003
V
IN = 7 V
V
IN = 12 V
V
IN = 24 V
V
IN = 36 V
V
OUT
9¦
SW = 600 kHZ
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Output Current (A)
Vin = 7V
Vin = 12V
Vin = 24V
Vin = 36V
C004
V
IN = 7 V
V
IN = 12 V
V
IN = 24 V
V
IN = 36 V
V
OUT
9¦
SW = 600 kHZ
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Output Current (A)
Vin = 6V
Vin = 12V
Vin = 24V
Vin = 36V
C002
V
IN = 6 V
V
IN = 12 V
V
IN = 24 V
V
IN = 36 V
V
OUT
9¦
SW = 600 kHZ
60
65
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output Current (A)
Vin = 6V
Vin = 12V
Vin = 24V
Vin = 36V
C001
V
IN = 6 V
V
IN = 12 V
V
IN = 24 V
V
IN = 36 V
V
OUT
)ïXïIUSW = 600 kHZ
TPS54341
SLVSC61 – NOVEMBER 2013
www.ti.com
Figure 59. Efficiency Versus Load Current
Figure 60. Light Load Efficiency
Figure 61. Efficiency Versus Load Current
Figure 62. Light Load Efficiency
Figure 63. Overall Loop Frequency Response
Figure 64. Regulation Versus Load Current
36
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com